Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ_N2L Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RZ_N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ_N2L Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RZ_N2L Datasheet HTML 7Page - Renesas Technology Corp RZ_N2L Datasheet HTML 8Page - Renesas Technology Corp RZ_N2L Datasheet HTML 9Page - Renesas Technology Corp RZ_N2L Datasheet HTML 10Page - Renesas Technology Corp RZ_N2L Datasheet HTML 11Page - Renesas Technology Corp RZ_N2L Datasheet HTML 12Page - Renesas Technology Corp RZ_N2L Datasheet HTML 13Page - Renesas Technology Corp RZ_N2L Datasheet HTML 14Page - Renesas Technology Corp RZ_N2L Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
1.2
Function Comparison
Table 1.16
Comparison of Functions for Different Packages
Module/Function
225-pin FBGA
121-pin FBGA
CPU
ARM Cortex-R52
Single
External bus
External bus width
8, 16 bits
Not supported
Interrupt
External interrupt
NMI, IRQ0 to IRQ15
NMI, IRQ0 to IRQ3, IRQ5 to IRQ8,
IRQ11 to IRQ13
DMA
DMA controller (DMAC)
2 units (DMAC0: 8 channels, DMAC1: 8 channels)
Timer
Multi-function timer pulse unit 3 (MTU3)
9 channels
9 channels*1
General PWM timer (GPT)
18 channels
18 channels*1
Compare match timer (CMT)
6 channels
Compare match timer W (CMTW)
2 channels
2 channels*1
Watchdog timer
1 channel
Port output enable 3 (POE3)
Available
Available*1
Port output enable for GPT (POEG)
Available
Available*1
Real time clock (RTC)
Available
Communication
function
Ethernet MAC (GMAC)
1 port
Ethernet switch (ETHSW)
3 ports (PHY interface)
2 ports (PHY interface)
EtherCAT slave controller (ESC)
3 ports
2 ports
USB 2.0 HS host/function module (USB)
1 port
Not supported
Serial communication interface (SCI)
6 channels
5 channels*1
I2C bus interface (IIC)
3 channels
3 channels
CANFD module (CANFD)
2 channels
2 channels*1
Serial peripheral interface (SPI)
4 channels
2 channels*1
Expanded serial peripheral interface (xSPI)
2 channels (1.8 V or 3.3 V)
1 channel*1 (3.3 V)
ΔΣ interface (DSMIF)
2 units (DSMIF0: 3 channels,
DSMIF1: 3 channels)
2 units (DSMIF0: 2 channels,
DSMIF1: 2 channels)
Trigonometric function unit (TFU)
Available
12-bit A/D converter (ADC12)
2 units (ADC120: 4 channels,
ADC121: 8 channels)
Not supported
Temperature sensor unit (TSU)
Available
CRC calculator (CRC)
2 channels
Clock monitor circuit (CLMA)
Available
Data operation circuit (DOC)
Available
Security*3
Optional
One-time programmable memory (OTP)
Available
External host
interface
Serial host interface (SHOSTIF)
1 channel
1 channel*2
Parallel host interface (PHOSTIF)
1 channel
Not supported
Mailbox and Semaphore (MBXSEM)
Available
Event link controller (ELC)
Available
Note 1. A part of external signals are not available.
Note 2. Up to quad connection
Note 3. For details, contact our sales representative.
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0110 Rev.1.10
Jul 29, 2022
Page 11 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com