Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDFB Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # R5F5671CDDFB
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFB Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button R5F5671CDDFB Datasheet HTML 130Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 131Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 132Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 133Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 134Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 135Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 136Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 137Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 178 page
background image
R01DS0373EJ0110 Rev.1.10
Page 134 of 178
Apr 15, 2022
RX671 Group
2. Electrical Characteristics
2.4.7.11
SSIE
Figure 2.63
Clock Input Timing
Figure 2.64
SSIE Clock Input/Output Timing
Table 2.42
Expansion Serial Sound Interface Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit
Test
Conditions
AUDIO_CLK
Cycle
tEXcyc
20
—
ns
Figure 2.63
High/low level
tEXL/tEXH
0.4
0.6
tEXcyc
SSIBCK0
Cycle
Master
tO
80
—
ns
Figure 2.64
Slave
tI
80
—
ns
Output clock high level
Master
tHC
0.35
—
tO
Output clock low level
tLC
0.35
—
tO
Input clock high level
Slave
tHC
0.35
—
tI
Input clock low level
tLC
0.35
—
tI
Output clock rise time
Master
tRC
—0.15
tO
Output clock fall time
tFC
—0.15
tO
Input clock rise time
Slave
tRC
—0.15
tI
Input clock fall time
tFC
—0.15
tI
SSILRCK0,SSITXD0,
SSIRXD0
Input setup time
Master
tSR
12
—
ns
Figure 2.65,
Figure 2.66
Slave
12
—
Input hold time
Master
tHR
8—
ns
Slave
15
—
Output delay time
Master
tDTR
–10
5
ns
Slave
0
20
Output delay time from when an
SSILRCK0 signal is changed
Slave
tDTRW
—
20
ns
Figure 2.67
AUDIO_CLK
(input)
tEXH
tEXf
tEXL
1/2 VCC
tEXcyc
tEXr
SSIBCK0
tHC
tLC
tRC
tI, tO
tFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com