Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CFP Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 62Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 63Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 64Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 65Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 66Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 67Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 68Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 69Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
tdr
Main clock
OSTDSR.OSTDF
MOCO clock
ICLK
Figure 2.52
Oscillation stop detection timing
2.10
POR and LVD Characteristics
Table 2.44
Power-on reset circuit and voltage detection circuit characteristics (1)
Parameter
Symbol Min
Typ
Max
Un
it
Test conditions
Voltage detection
level
Power-on reset
(POR)
DPSBYCR.DEEPCUT[1:0] = 00b or
01b.
VPOR
2.5
2.6
2.7
V
Figure 2.53
DPSBYCR.DEEPCUT[1:0] = 11b.
1.8
2.25
2.7
Voltage detection circuit (LVD0)
Vdet0_1
2.84
2.94
3.04
Figure 2.54
Vdet0_2
2.77
2.87
2.97
Vdet0_3
2.70
2.80
2.90
Voltage detection circuit (LVD1)
Vdet1_1
2.89
2.99
3.09
Figure 2.55
Vdet1_2
2.82
2.92
3.02
Vdet1_3
2.75
2.85
2.95
Voltage detection circuit (LVD2)
Vdet2_1
2.89
2.99
3.09
Figure 2.56
Vdet2_2
2.82
2.92
3.02
Vdet2_3
2.75
2.85
2.95
Internal reset time Power-on reset time
tPOR
—
4.5
—
ms Figure 2.53
LVD0 reset time
tLVD0
—
0.51
—
Figure 2.54
LVD1 reset time
tLVD1
—
0.38
—
Figure 2.55
LVD2 reset time
tLVD2
—
0.38
—
Figure 2.56
Minimum VCC down time*1
tVOFF
200
—
—
µs
Figure 2.53,
Figure 2.54
Response delay
tdet
—
—
200
µs
Figure 2.54 to
Figure 2.56
LVD operation stabilization time (after LVD is enabled)
td(E-A)
—
—
10
µs
Figure 2.55,
Figure 2.56
Hysteresis width (LVD1 and LVD2)
VLVH
—
70
—
m
V
Note 1. The minimum VCC down time indicates the time when VCC is below the minimum value of voltage detection levels VPOR, Vdet0,
Vdet1, and Vdet2 for POR and LVD.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 66 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com