Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZMOD4510AI1 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZMOD4510AI1
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI1 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZMOD4510AI1 Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 9Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 10Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 11Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 12Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 13Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 14Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 15Page - Renesas Technology Corp ZMOD4510AI1 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ZMOD4510 Datasheet
© 2021 Renesas Electronics Corporation
12
June 30, 2021
6. Assembly Restrictions, Operation, Integration Notes and Storage
When implementing the ZMOD4510 in electrical circuit boards, a gas sensor module may react to chemicals during the assembly process and
to outgassing components, such as resins from the printed circuit board (PCB) assembly. A standard soldering profile can be used to assemble
the ZMOD4510 on the user’s PCB and should fulfill the IPC/JEDEC J-STD-020C Standard (“Moisture/Reflow Sensitivity Classification for Non-
hermetic Solid State Surface Mount Devices”). A typical lead-free reflow solder profile is shown in Figure 3. After assembly, an outgassing of
the PCB and electronic components must be considered, especially when operating the sensor module at elevated temperatures. This will
ultimately influence the sensor signal and accuracy of the Air Quality Index (AQI). A PCB heat treatment before assembling the ZMOD4510 is
recommended. After the gas sensor module assembly, no coating, cleaning, or ultrasonic bath should be applied to the PCB. Also, in case
sensor module parts are contaminated during assembly or storage, it can be cleaned after assembly by using the cleaning library provided with
the firmware to remove any contamination of solder vapor from the MOx surface. In case the sensor module does not show full performance
after a cleaning cycle, a change to the protection sticker package is recommended (see Ordering Information).
Store the sensor module in an antistatic metallic bag with a low VOC background after the sensor module is removed from its original packaging
or the assembled PCB is populated. The optimal storage conditions are < 1ppm TVOC, < 100ppb O3, < 100ppb NO2, 10°C to 50°C, and
humidity levels within 20% to 80%RH. If the sensor module is stored outside of these conditions for extended periods of time, the sensor module
readings can exhibit a temporary offset. The sensor module can be reconditioned and brought back to its calibration state by operation for
24 hours to 48 hours in clean air.
To receive the Renesas Gas Sensor Guidelines with detailed information and on assembly, material outgassing, test and validation procedures,
contact Renesas via the contact information on the last page.
Figure 3. Typical Solder Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com