Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZMOD4510AI3 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZMOD4510AI3
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI3 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZMOD4510AI3 Datasheet HTML 7Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 9Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 10Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 11Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 12Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 13Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 14Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ZMOD4510 Datasheet
© 2021 Renesas Electronics Corporation
11
June 30, 2021
5.5 Environmental Temperature and Humidity
The sensor module is tested, qualified, and functional in the operation range of -40°C to +65°C. Figure 2 shows the module’s sensitivity for
OAQ 1st Gen during operation to variations in relative humidity while stimulated with 100ppb nitrogen dioxide (NO2). Due to the low influence of
humidity, there is no additional humidity measurement and no algorithmic compensation necessary for OAQ 1st Gen. In OAQ 2nd Gen operation,
an additional temperature and humidity measurement is recommended and the algorithm has an auto-compensation included. If no temperature
and humidity data are provided as input, the algorithm will use default values, which may lead to an offset of ±1 EPA level according to Table
6.
Figure 2. Humidity Influence on the Sensitivity for 100ppb NO2 in OAQ 1st Gen Operation
5.6 Accuracy and Conditioning
All Renesas gas sensor modules come with electrical and chemical factory calibration with data stored in the module’s nonvolatile memory
(NVM). Using the software provided by Renesas and the calibration coefficients in the NVM will result in stable measurements of the AQI levels
discussed in section 5.1. The ZMOD4510 in OAQ 1st Gen operation will respond to typical outdoor gases after a warm-up time of 60 min,
consisting of 20 min for stabilization and 40 min for baseline finding. For OAQ 2nd Gen operation a response to ozone will be seen after a warm-
up time of 30 min. In all operation modes a conditioning period of 48 hours followed by a sensor module restart in an ambient environment is
recommended to improve stability and obtain maximum performance.
Typical achievable sensor module performance is displayed in Table 7. Users who require an absolute measurement with the maximum
achievable accuracy are advised to re-calibrate the sensor module with a known air compound. For some environments, an interference
response to siloxanes is of concern; however, the Renesas ZMOD4510 has been proven to be resistant against siloxanes. A maximum potential
life-time exposure has been simulated in all ZMOD4510 operation modes by applying the chemicals D4 (Octamethylcyclotetrasiloxane) and D5
(Decamethylcyclopentasiloxane) in high concentration for several hundred hours.
Table 7.
Typical ZMOD4510 Sensor Module Accuracy Achievable
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Accuracy
Without additional calibration
±50
AQI
Consistency
Part-to-Part Variation
±50
AQI
Durability to Siloxanes
Change in sensitivity during 15,000 ppm·h
exposure with D4 and D5
±8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com