Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CNE Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNE
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNE Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNE Datasheet HTML 72Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 73Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 74Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 75Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 76Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 77Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 78Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 79Page - Renesas Technology Corp R7FA6T2AB3CNE Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
SWCLK
tSWCKH
tSWCKcyc
tSWCKL
Figure 2.63
SWD SWCLK timing
tSWDS
SWCLK
tSWDH
SWDIO
(Input)
tSWDD
SWDIO
(Output)
tSWDD
SWDIO
(Output)
tSWDD
SWDIO
(Output)
Figure 2.64
SWD input/output timing
2.15
Embedded Trace Macro Interface (ETM)
Table 2.51
ETM (1 of 2)
Conditions: High speed high drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
TCLK clock cycle time
tTCLKcyc
16.7
—
—
ns
Figure 2.65
TCLK clock high pulse width
tTCLKH
7.35
—
—
ns
TCLK clock low pulse width
tTCLKL
7.35
—
—
ns
TCLK clock rise time
tTCLKr
—
—
1
ns
TCLK clock fall time
tTCLKf
—
—
1
ns
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 76 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com