Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3281BC5B Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # ZSSC3281BC5B
Description  Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3281BC5B Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button ZSSC3281BC5B Datasheet HTML 78Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 79Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 80Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 81Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 82Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 83Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 84Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 85Page - Renesas Technology Corp ZSSC3281BC5B Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
ZSSC3281 Datasheet
R33DS0020ED0100 Rev. 1.0
Jun.13.22
Page 82
© 2022 Renesas Electronics
0x2:
60 us
0x3:
80 us
Address:
0x1D
Register Name:
CmConfig[0]
Default:
0x00000000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
23:0
Reserved
0x0
tbd
Address:
0x1E
Register Name:
CmConfig[1]
Default:
0x00000000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
23:0
Reserved
0x0
Tbd
Address:
0x1F
Register Name:
CmConfig[2]
Default:
0x00000000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
23:0
Reserved
0x0
tbd
13.1.6.
PTAT Sensor
Address:
0x20
Register Name:
PtatCfg1
– PTAT Sensor setting
Default:
0x00008413
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
3:0
PgaGain1
0x3
PGA1 Gain
0x0:
1.2
0x1:
2
0x2:
4
0x3:
6
0x4:
12
0x5:
20
0x6:
30
0x7:
40
0x8:
60
0x9:
80
0xA:
120
0xB:
150
0xC:
200
0xD:
240
0xE:
300
6:4
PgaGain2
0x1
PGA2 Gain
0x0:
1.1
0x1:
1.2
0x2:
1.3
0x3:
1.4
0x4:
1.5
0x5:
1.6
0x6:
1.7
0x7:
1.8
7
PgaPolarity
0x0
PGA Polarity
0: Positive
1: Negative
11:8
AdcReso
0x4
ADC Resolution
0x0:
10 bit
0x1:
11 bit
0x2:
12 bit
0x3:
13 bit
0x4:
14 bit
0x5:
15 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com