Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZMOD4450AI4R Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZMOD4450AI4R
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI4R Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZMOD4450AI4R Datasheet HTML 12Page - Renesas Technology Corp ZMOD4450AI4R Datasheet HTML 13Page - Renesas Technology Corp ZMOD4450AI4R Datasheet HTML 14Page - Renesas Technology Corp ZMOD4450AI4R Datasheet HTML 15Page - Renesas Technology Corp ZMOD4450AI4R Datasheet HTML 16Page - Renesas Technology Corp ZMOD4450AI4R Datasheet HTML 17Page - Renesas Technology Corp ZMOD4450AI4R Datasheet HTML 18Page - Renesas Technology Corp ZMOD4450AI4R Datasheet HTML 19Page - Renesas Technology Corp ZMOD4450AI4R Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ZMOD4450 Datasheet
© 2021 Renesas Electronics Corporation
16
June 30, 2021
12. Package Outline Drawings
The ZMOD4450’s different packages are listed in Table 10.
Table 10. Package Options
Part Number
Version
Comment
Package Link
ZMOD4450AI1
Standard
Standard package
LGG12D1 package
ZMOD4450AI2
Sticker
This package shipped with a sticker on top of the lid to protect the sensor
module during assembly. Note, the sticker has to be removed after assembly.
ZMOD4450AI3
Waterproof
This package uses a membrane to get IP67 rating
LVG12D2 package
ZMOD4450AI4
Waterproof +
Sticker
This package uses a membrane to get IP67 rating and a sticker on top of the lid
to protect the sensor module during assembly. Note, the sticker has to be
removed after assembly.
13. Marking Diagram
4450AI1
LOT
YYWW
1. Line 1 is the truncated part number.
2. Line 2 – “LOT” denotes the assembly lot number.
3. Line 2 – “YYWW” are the last two digit of the year and week that the part was assembled.
14. Ordering Information
Part Number
Description and Package
MSL Rating
Carrier Type
Temperature
ZMOD4450AI1V
ZMOD4450 Sensor Module, 3.0 × 3.0 × 0.7 mm 12-LGA
3
Tray
0°C to +25°C
ZMOD4450AI1R
ZMOD4450 Sensor Module, 3.0 × 3.0 × 0.7 mm 12-LGA
3
Reel
0°C to +25°C
ZMOD4450AI2V
ZMOD4450 Sensor Module, 3.0 × 3.0 × 0.7 mm 12-
LGA, shipped with removable protection sticker
3
Tray
0°C to +25°C
ZMOD4450AI2R
ZMOD4450 Sensor Module, 3.0 × 3.0 × 0.7 mm 12-
LGA, shipped with removable protection sticker
3
Reel
0°C to +25°C
ZMOD4450AI3V
ZMOD4450 Sensor Module, 3.0 × 3.0 × 0.9 mm 12-
LGA, IP67 rating
3
Tray
0°C to +25°C
ZMOD4450AI3R
ZMOD4450 Sensor Module, 3.0 × 3.0 × 0.9 mm 12-LGA
IP67 rating
3
Reel
0°C to +25°C
ZMOD4450AI4V
ZMOD4450 Sensor Module, 3.0 × 3.0 × 0.9 mm 12-LGA
IP67 rating, shipped with removable protection sticker
3
Tray
0°C to +25°C
ZMOD4450AI4R
ZMOD4450 Sensor Module, 3.0 × 3.0 × 0.9 mm 12-LGA
IP67 rating, shipped with removable protection sticker
3
Reel
0°C to +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com