Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP5585ACBZ-02-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP5585ACBZ-02-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-02-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP5585ACBZ-02-R7 Datasheet HTML 32Page - Analog Devices ADP5585ACBZ-02-R7 Datasheet HTML 33Page - Analog Devices ADP5585ACBZ-02-R7 Datasheet HTML 34Page - Analog Devices ADP5585ACBZ-02-R7 Datasheet HTML 35Page - Analog Devices ADP5585ACBZ-02-R7 Datasheet HTML 36Page - Analog Devices ADP5585ACBZ-02-R7 Datasheet HTML 37Page - Analog Devices ADP5585ACBZ-02-R7 Datasheet HTML 38Page - Analog Devices ADP5585ACBZ-02-R7 Datasheet HTML 39Page - Analog Devices ADP5585ACBZ-02-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 37 of 40
OUTLINE DIMENSIONS
A
B
C
D
0.545
0.500
0.455
SIDE VIEW
0.230
0.200
0.170
0.300
0.260
0.220
COPLANARITY
0.05
SEATING
PLANE
1
2
3
4
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
BALL A1
IDENTIFIER
0.40
REF
1.20
REF
1.630
1.590 SQ
1.550
Figure 28. 16-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-16-10)
Dimensions shown in millimeters
3.10
3.00 SQ
2.90
0.30
0.23
0.18
1.75
1.60 SQ
1.45
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.80
0.75
0.70
COMPLIANT TO JEDEC STANDARDS MO-220-WEED-6.
Figure 29. 16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
3 x 3 mm Body, Very Very Thin Quad
(CP-16-22)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com