Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMP-A Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CMP-A
Description  CMP-A Series High Power Anti-Surge Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMP-A Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CMP-A Datasheet HTML 1Page - Bourns Electronic Solutions CMP-A Datasheet HTML 2Page - Bourns Electronic Solutions CMP-A Datasheet HTML 3Page - Bourns Electronic Solutions CMP-A Datasheet HTML 4Page - Bourns Electronic Solutions CMP-A Datasheet HTML 5Page - Bourns Electronic Solutions CMP-A Datasheet HTML 6Page - Bourns Electronic Solutions CMP-A Datasheet HTML 7Page - Bourns Electronic Solutions CMP-A Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Thick film technology
Power rating up to 1.5 watts @ 70 °C
High power surge withstanding
RoHS compliant*
Halogen free**
AEC-Q200 compliant
Applications
Power supplies
Digital meters
Consumer electronics
LED lighting
Industry control boards
CMP-A Series High Power Anti-Surge Chip Resistors
*
RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Electrical Characteristics
Characteristic
Model
CMP0603A
CMP0805A
CMP1206A
CMP2010A
CMP2512A
Power Rating @ 70 °C
0.25 W
0.5 W
0.75 W
1 W
1.5 W
Operating Temperature Range
-55 °C to +155 °C
Derated to Zero Load at
+155 °C
Maximum Working Voltage
75 V
200 V
250 V
200 V
300 V
Maximum Overload Voltage
125 V
300 V
500 V
400 V
600 V
Resistance Tolerance
±1 %, ±5 %
Temperature Coefficient
10 Ω to 1 MΩ
(±1 %, E24 & E96 Series)
10 Ω to 1 MΩ
(±5 %, E24 Series
±100 ppm/°C
±200 ppm/°C
±100 ppm/°C
±200 ppm/°C
±100 ppm/°C
±200 ppm/°C
±100 ppm/°C
±200 ppm/°C
±100 ppm/°C
±200 ppm/°C
Note: Solder pad and trace size should be evaluated and board surface temperature
should not exceed +105 °C when applying full rated power.
Asia-Pacific:
Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA:
Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
01B
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT


Similar Part No. - CMP-A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CMP-02 AD-CMP-02 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
CMP-02 AD-CMP-02_15 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
logo
SYNERGY MICROWAVE CORPO...
CMP-205 SYNERGY-CMP-205 Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
CMP-206 SYNERGY-CMP-206 Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
CMP-210 SYNERGY-CMP-210 Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
More results

Similar Description - CMP-A

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Vishay Siliconix
RCSE3 VISHAY-RCSE3 Datasheet
106Kb / 8P
Anti-Surge, High Power Thick Film Chip Resistors
02-Dec-15
logo
Rohm
ESR ROHM-ESR Datasheet
571Kb / 8P
Anti-surge chip resistors
logo
Bourns Electronic Solut...
CMP BOURNS-CMP Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP-Q BOURNS-CMP-Q Datasheet
1Mb / 8P
CMP-Q Series High Power Anti-Surge Chip Resistor
C1753 05/17/18R
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com