Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC23C14DWVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C14DWVR
Description  AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C14DWVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC23C14DWVR Datasheet HTML 17Page - Texas Instruments AMC23C14DWVR Datasheet HTML 18Page - Texas Instruments AMC23C14DWVR Datasheet HTML 19Page - Texas Instruments AMC23C14DWVR Datasheet HTML 20Page - Texas Instruments AMC23C14DWVR Datasheet HTML 21Page - Texas Instruments AMC23C14DWVR Datasheet HTML 22Page - Texas Instruments AMC23C14DWVR Datasheet HTML 23Page - Texas Instruments AMC23C14DWVR Datasheet HTML 24Page - Texas Instruments AMC23C14DWVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
6.13 Typical Characteristics (continued)
at VDD1 = 5 V, VDD2 = 3.3 V (unless otherwise noted)
VDD1 (V)
0
3
6
9
12
15
18
21
24
27
30
0
1
2
3
4
5
D038a
VREF = 250 mV
VREF = 2 V
Figure 6-59. High-Side Supply Current vs Supply Voltage
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
1
2
3
4
5
D033a
VREF = 250 mV
VREF = 2 V
Figure 6-60. High-Side Supply Current vs Temperature
VDD2 (V)
2.5
3
3.5
4
4.5
5
5.5
6
1.2
1.4
1.6
1.8
2
2.2
D040
Figure 6-61. Low-Side Supply Current vs Supply Voltage
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
1.2
1.4
1.6
1.8
2
2.2
D041
Figure 6-62. Low-Side Supply Current vs Temperature
www.ti.com
AMC23C14
SBAS945A – FEBRUARY 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC23C14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com