Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSM2F-8518 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CSM2F-8518
Description  Model CSM2F-8518 Series Current Sense Resistor w/Bare Copper Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSM2F-8518 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CSM2F-8518 Datasheet HTML 1Page - Bourns Electronic Solutions CSM2F-8518 Datasheet HTML 2Page - Bourns Electronic Solutions CSM2F-8518 Datasheet HTML 3Page - Bourns Electronic Solutions CSM2F-8518 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model CSM2F-8518 Series Current Sense Resistor w/Bare Copper Terminals
Product Dimensions
8.30 ± 0.10
(.327 ± .004)
DIA. 2 PLCS.
OPTIONAL
TRIMMING
2 PLCS.
VOLTAGE TEST
POINTS
A
B
18.00 ± 0.20
(.709 ± .008)
85.00 ± 0.40
(3.346 ± .016)
2.00
(.079)
3.00
(.118)
9.00
(.354)
60.00
(2.362)
30.00
(1.181)
12.50
(.492)
Part Number
Dim A
Dim B
CSM2F-8518-L050J00
4.70
(.185)
7.87
(.310)
CSM2F-8518-L100J00
9.40
(.370)
12.57
(.495)
CSM2F-8518-L200J00
20.0
(.787)
23.18
(.990)
DIMENSIONS:
MM
(INCHES)
TOLERANCES:
0.25
(.010)
UNLESSOTHERWISENOTED
Power Derating Curve
Terminal Temperature (°C)
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
180
125 °C
Reference Pad for SMD Mounting
VOLTAGE
SENSE PADS
SOLDERING AREAS
FOR PCB
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Packaging Specifications
Bulk Pack..................................................50 pcs. per plastic bag
100 pcs. per box
Tray Pack .....................32 pcs. per high impact polysterene tray
224 pcs. per box
Size.............................. 246 mm x 246 mm (9.685 in. x 9.685 in.)
General Specifications
Moisture Sensitivity Level...........................................................1
ESD Classification............................................................ Level 6
per AEC-Q200-002,
≥ 25,000 V air discharge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com