Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPM25751V-12R-R62D Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

Part # EPM25751V-12R-R62D
Description  15 Watt isolated DC-DC converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EPM25751V-12R-R62D Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

  EPM25751V-12R-R62D Datasheet HTML 1Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 2Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 3Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 4Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 5Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 6Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 7Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 8Page - Eaton All Rights Reserved. EPM25751V-12R-R62D Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Technical Data ELX1165
Effective March 2022
EPM25-1V 15 W
15 Watt isolated DC-DC converter
www.eaton.com/electronics
3R3-04RS
trim (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.63
Ru (kΩ)
542.61 252.19
152.31
101.77
71.25
50.82
36.19
25.2
16.63
9.77
Trim up
05R-3R0S
trim (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
5.05
5.1
5.15
5.2
5.25
5.3
5.35
5.4
5.45
5.5
Ru (kΩ)
464.3
214.3
130.97
89.3
64.3
47.63
35.73
26.8
19.86
14.3
12R-1R2S
trim (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
12.12
12.24
12.36
12.48
12.6
12.72
12.84
12.96
13.08
13.2
Ru (kΩ)
953.93 394.32
235.63
160.64
116.95
88.35
68.17
53.17
41.58
32.36
15R-1R0S
trim (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
15.15
15.3
15.45
15.6
15.75
15.9
16.05
16.2
16.35
16.5
Ru (kΩ)
951.00 404.45
243.71
166.83
121.76
92.14
71.20
55.60
43.53
33.92
24R-R62S
trim (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
24.24
24.48
24.72
24.96
25.2
25.44
25.68
25.92
26.16
26.4
Ru (kΩ)
1275.55
466.3
263.99
172.03
119.48
85.48
61.67
44.08
30.55
19.82
3R3-4R0S
trim (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.97
Rd (kΩ)
1019.29
461.68
281.91
193.13
140.21
105.07
80.05
61.31
46.77
35.14
Trim down
05R-3R0S
trim (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
4.95
4.9
4.85
4.8
4.75
4.7
4.65
4.6
4.55
4.5
Rd (kΩ)
454.3
204.3
120.97
79.3
54.3
37.63
25.73
16.8
9.86
4.3
12R-1R2S
trim (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
11.88
11.76
11.64
11.52
11.4
11.28
11.16
11.04
10.92
10.8
Rd (kΩ)
2415.98
1282.64
855.8
631.82
493.84
400.32
332.74
281.63
241.62
209.45
15R-1R0S
trim (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
14.85
14.7
14.55
14.4
14.25
14.1
13.95
13.8
13.65
13.5
Rd (kΩ)
3484.63
1829.68
1219.96
902.9
708.58
577.28
482.62
411.15
355.27
310.38
24R-R62S
trim (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
23.76
23.52
23.28
23.04
22.8
22.56
22.32
22.08
21.84
21.6
Rd (kΩ)
5661.68
3166.88
2168.96
1631.62
1295.78
1066
898.88
771.87
672.08
591.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com