Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSF-0M511 Datasheet(PDF) 3 Page - C&K Components

Part # KSF-0M511
Description  Low-profile Tact SwitchS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSF-0M511 Datasheet(HTML) 3 Page - C&K Components

  KSF-0M511 Datasheet HTML 1Page - C&K Components KSF-0M511 Datasheet HTML 2Page - C&K Components KSF-0M511 Datasheet HTML 3Page - C&K Components KSF-0M511 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-37
B
OPTION
CODE
OPERATING FORCE
1
1.6 N (160 grams)
100,000 operations (KSB only)
2
1.3 N (130 grams)
100,000 operations (KSF only)
3
1.6 N (160 grams)
500,000 operations (KSF only)
4
3 N (300 grams)
100,000 operations
5
1.6 N (160 grams)
500,000 operations (KSF only)
9
3 N (300 grams)
500,000 operations (KSF only)
OPERATING FORCE
CONTACT MATERIAL
SEALING
OPTION
CODE
CONTACT MATERIAL
1
Silver contacts
3
Gold contacts
OPTION
CODE
SEALING
0
Sealed against flux
1
Totally sealed
(KSF only)
2
High performance seal (KSF only)
KSB & KSF Series
Low-profile Tact Switch
INSERTION
M MANUAL (bulk packaging)
A AUTOMATIC (KSF ONLY) (Tube packaging, 65 per tube)
PCB LAYOUT
7,62
(.30)
7,62
(.30)
9,0
(.354)
0,5 x 0,3
(.020 x .012)
5,08
(.20)
First Angle
Projection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com