Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8V97052 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # 8V97052
Description  High Resolution Wideband RF Synthesizer / PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8V97052 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button 8V97052 Datasheet HTML 40Page - Renesas Technology Corp 8V97052 Datasheet HTML 41Page - Renesas Technology Corp 8V97052 Datasheet HTML 42Page - Renesas Technology Corp 8V97052 Datasheet HTML 43Page - Renesas Technology Corp 8V97052 Datasheet HTML 44Page - Renesas Technology Corp 8V97052 Datasheet HTML 45Page - Renesas Technology Corp 8V97052 Datasheet HTML 46Page - Renesas Technology Corp 8V97052 Datasheet HTML 47Page - Renesas Technology Corp 8V97052 Datasheet HTML 48Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
32-VFQFPN, Package Outline Drawing
5.0 x 5.0 x 0.90 mm Body, Epad 3.15 x 3.15 mm.
NLG32P1, PSC-4171-01, Rev 02, Page 2
Package Revision History
Rev No.
Date Created
Description
Feb 8, 2016
Rev 01
Added "k: Value
April 12, 2018
Rev 02
New Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com