| Electronic Components Datasheet Search |
|
MICRF405YML Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MICRF405YML Datasheet(HTML) 5 Page - Micrel Semiconductor |
|
5 / 46 page ![]() Micrel MICRF405 April 2006 5 M9999-041906 (408) 955-1690 Absolute Maximum Ratings (1) Supply Voltage (VDD).........................................+3.7V Voltage on any pin (3) (GND = 0V)... -0.3V to 3.7V Lead Temperature (soldering, 20sec.)............. 260°C Storage Temperature (Ts) ................-55°C to +150°C ESD Rating (4) All pins except pin 4...................................... 2 kV Pin 4 (RFOUT)............................................ 200 V Operating Ratings (2) Supply voltage (VIN)............................ +2.2V to +3.6V RF Frequencies.......................... 290MHz to 980MHz Data Rate (NRZ) ...........................................200kbps Ambient Temperature (TA) ..............–40°C to +125°C Package Thermal Resistance MLF ® (Θ JA) ............................................41.7°C/W Electrical Characteristics fRF = 915MHz. VDD = 3.0V; TA = 25°C, bold values indicate –40°C< TA < +125°C, unless noted. Parameter Condition Min Typ Max Units Freq_band=0 290 325 MHz Freq_band=1 430 490 MHz RF Frequency Operating Range Freq_band=2-3 860 980 MHz Power Supply 2.2 3.6 V Power Down Current 0.3 µA Standby Current ClkOut_en=0 200 µA PLL mode current PA2-0=000, PA off 5.6 mA VCO and PLL Section Reference Frequency 4 40 MHz 1kHz loop filter bandwidth, Fphd=200kHz 7.0 ms 3kHz loop filter bandwidth, Fphd=500kHz 1.8 ms PLL startup 30kHz loop filter bandwidth, Fphd=1000kHz 140 µs Standby-TX (PA on) 30kHz bandwidth 200 µs Crystal Oscillator Start-Up Time 16MHz, 9pF load, XCO_Fast=1 300 µs Charge Pump Current VCPOUT = 1.2V, CP_CUR = 3 100 µA Transmit Section RLOAD = 250 Ω, Pa2-0=111 10 dBm Output Power RLOAD = 250 Ω, Pa2-0=001 -7 dBm Over temperature range 1.5 dB Output Power Tolerance Over power supply range 3.0 dB RLOAD = 150 Ω, PA2-0=111 18 mA RLOAD = 150 Ω, PA2-0=001 9.6 mA Tx Current Consumption RLOAD = 150 Ω, PA2-0=000 5.6 mA ASK=7 (OOK) 60 dB Modulation depth ASK/OOK ASK=6 20 dB Binary FSK Frequency Deviation (5) Bitrate = 200kbps 300 kHz VCO modulation 20 200 kbps Divider modulation 20 kbps Data Rate (5) ASK 50 kbps |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |