Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F6921 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # F6921
Description  Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6921 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button F6921 Datasheet HTML 9Page - Renesas Technology Corp F6921 Datasheet HTML 10Page - Renesas Technology Corp F6921 Datasheet HTML 11Page - Renesas Technology Corp F6921 Datasheet HTML 12Page - Renesas Technology Corp F6921 Datasheet HTML 13Page - Renesas Technology Corp F6921 Datasheet HTML 14Page - Renesas Technology Corp F6921 Datasheet HTML 15Page - Renesas Technology Corp F6921 Datasheet HTML 16Page - Renesas Technology Corp F6921 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
© Integrated Device Technology, Inc.
23-FCCSP, Package Outline Drawing
2.7 x 2.7 x 0.9 mm Body, 0.50 mm Pitch,
AVR23D1, PSC-4781-01, Rev 00, Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com