Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYUSB2014-BZXC Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # CYUSB2014-BZXC
Description  SuperSpeed USB Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB2014-BZXC Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button CYUSB2014-BZXC Datasheet HTML 16Page - Infineon Technologies AG CYUSB2014-BZXC Datasheet HTML 17Page - Infineon Technologies AG CYUSB2014-BZXC Datasheet HTML 18Page - Infineon Technologies AG CYUSB2014-BZXC Datasheet HTML 19Page - Infineon Technologies AG CYUSB2014-BZXC Datasheet HTML 20Page - Infineon Technologies AG CYUSB2014-BZXC Datasheet HTML 21Page - Infineon Technologies AG CYUSB2014-BZXC Datasheet HTML 22Page - Infineon Technologies AG CYUSB2014-BZXC Datasheet HTML 23Page - Infineon Technologies AG CYUSB2014-BZXC Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
Datasheet
20
001-52136 Rev. *Y
2022-08-11
EZ-USB FX3
SuperSpeed USB Controller
Clocking
10.1
32-kHz watchdog timer clock input
FX3 includes a watchdog timer. The watchdog timer can be used to interrupt the ARM926EJ-S core, automatically
wake up the FX3 in Standby mode, and reset the ARM926EJ-S core. The watchdog timer runs a 32-kHz clock,
which may be optionally supplied from an external source on a dedicated FX3 pin.
The firmware can disable the watchdog timer. Requirements for the optional 32-kHz clock input are listed in
Table 5.
Table 5
32-kHz clock input requirements
Parameter
Min
Max
Units
Duty cycle
40
60
%
Frequency deviation
–
±200
ppm
Rise time/fall time
–
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com