Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYUSB2014-BZXIT Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # CYUSB2014-BZXIT
Description  SuperSpeed USB Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB2014-BZXIT Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button CYUSB2014-BZXIT Datasheet HTML 34Page - Infineon Technologies AG CYUSB2014-BZXIT Datasheet HTML 35Page - Infineon Technologies AG CYUSB2014-BZXIT Datasheet HTML 36Page - Infineon Technologies AG CYUSB2014-BZXIT Datasheet HTML 37Page - Infineon Technologies AG CYUSB2014-BZXIT Datasheet HTML 38Page - Infineon Technologies AG CYUSB2014-BZXIT Datasheet HTML 39Page - Infineon Technologies AG CYUSB2014-BZXIT Datasheet HTML 40Page - Infineon Technologies AG CYUSB2014-BZXIT Datasheet HTML 41Page - Infineon Technologies AG CYUSB2014-BZXIT Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
Datasheet
38
001-52136 Rev. *Y
2022-08-11
EZ-USB FX3
SuperSpeed USB Controller
AC timing parameters
19.3
GPIF II timing
Figure 8
GPIF II timing in Synchronous Mode
Table 13
GPIF II timing parameters in Synchronous Mode [8]
Parameter
Description
Min
Max
Units
Frequency
Interface clock frequency
–
100
MHz
tCLK
Interface clock period
10
–
ns
tCLKH
Clock high time
4
–
ns
tCLKL
Clock low time
4
–
ns
tS
CTL input to clock setup time
2
–
ns
tH
CTL input to clock hold time
0.5
–
ns
tDS
Data in to clock setup time
2
–
ns
tDH
Data in to clock hold time
0.5
–
ns
tCO
Clock to data out propagation delay when DQ bus is already in
output direction
–7
ns
tCOE
Clock to data out propagation delay when DQ lines change to
output from tristate and valid data is available on the DQ bus
–9
ns
tCTLO
Clock to CTL out propagation delay
–
8
ns
tDOH
Clock to data out hold
2
–
ns
tCOH
Clock to CTL out hold
0
–
ns
tHZ
Clock to high-Z
–
8
ns
tLZ
Clock to low-Z
0
–
ns
-
CTL(O UT)
CTL(IN)
tS
tH
tDH
tDS
tCLK
CLK
tCTLO
tCO E
Data(IN)
Data 1
(O UT)
tHZ
tLZ
tDO H
tCO H
tCLKH tCLKL
tLZ
Data 2
(O UT)
tCO
tDO H
DQ [31:0]
Note
8. All parameters guaranteed by design and validated through characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com