Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPL60R095CFD7 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # IPL60R095CFD7
Description  3300 W 54 V bi-directional phase-shift fullbridge with 600 V CoolMOS CFD7 and XMC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R095CFD7 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button IPL60R095CFD7 Datasheet HTML 17Page - Infineon Technologies AG IPL60R095CFD7 Datasheet HTML 18Page - Infineon Technologies AG IPL60R095CFD7 Datasheet HTML 19Page - Infineon Technologies AG IPL60R095CFD7 Datasheet HTML 20Page - Infineon Technologies AG IPL60R095CFD7 Datasheet HTML 21Page - Infineon Technologies AG IPL60R095CFD7 Datasheet HTML 22Page - Infineon Technologies AG IPL60R095CFD7 Datasheet HTML 23Page - Infineon Technologies AG IPL60R095CFD7 Datasheet HTML 24Page - Infineon Technologies AG IPL60R095CFD7 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Application Note
21 of 44
Revision 1.0
2018-05-02
3300 W 54 V bi-directional phase-shift full-bridge with 600 V
CoolMOS™ CFD7 and XMC™
Buck mode results
Figure 26
ZVS turn-on of lagging leg (D switch) and partially hard-switched turn-on of leading leg (B
switch)
An additional benefit of the low EOSS energy and having near-ZVS transition at no load is the lower dv/dt values
and lower or no-drain voltage overshoot of the HV MOSFETs due to the smooth QR transitions (better EMI).
Figure 27
Full-load drain voltage of bridge overshoot
HV bridge voltage
Lr current
Vgs of B
Vgs of D
HV bridge voltage
Trafo primary current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com