Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPL60R075CFD7 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPL60R075CFD7
Description  3300 W 54 V bi-directional phase-shift fullbridge with 600 V CoolMOS CFD7 and XMC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R075CFD7 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPL60R075CFD7 Datasheet HTML 3Page - Infineon Technologies AG IPL60R075CFD7 Datasheet HTML 4Page - Infineon Technologies AG IPL60R075CFD7 Datasheet HTML 5Page - Infineon Technologies AG IPL60R075CFD7 Datasheet HTML 6Page - Infineon Technologies AG IPL60R075CFD7 Datasheet HTML 7Page - Infineon Technologies AG IPL60R075CFD7 Datasheet HTML 8Page - Infineon Technologies AG IPL60R075CFD7 Datasheet HTML 9Page - Infineon Technologies AG IPL60R075CFD7 Datasheet HTML 10Page - Infineon Technologies AG IPL60R075CFD7 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Application Note
7 of 44
Revision 1.0
2018-05-02
3300 W 54 V bi-directional phase-shift full-bridge with 600 V
CoolMOS™ CFD7 and XMC™
Background and system description
The estimated overall distribution of losses of the converter along the load proves the transformer and other
magnetics as the main sources of loss (Figure 6). The semiconductors, both 600 V CoolMOS™ CFD7 and 150 V
OptiMOS™ 5, are best-in-class performance parts and exhibit a good balance of switching to conduction loss.
Figure 6
Overall losses breakdown of 3300 W bi-directional PSFB in buck mode along load
As highlighted by Figure 6, the great performance of the semiconductors makes the magnetic loss contribution
the major percentage in terms of losses in most of the working conditions of the converter.
1.3
CoolMOS™ CFD7
IPL60R075CFD7 stands for the 75 mΩ 600 V CoolMOS™ CFD7 in ThinPAK package, the latest and best-
performing fast body diode device from Infineon.
IPL60R075CFD7 brings a low loss contribution along all load ranges and exhibits a good balance of conduction
to switching losses at the 50 percent load point, becoming the right device and RDS(on) class when optimizing for
high peak efficiency at that point (Figure 7).
Figure 7
IPL60R075CFD7 loss distribution (percentage of MOSFET contribution) along load in the
3300 W bi-directional PSFB in buck mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com