Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF071MM2STR Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # RF071MM2STR
Description  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button RF071MM2STR Datasheet HTML 20Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 21Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 22Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 23Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 24Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 25Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 26Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 27Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
User manual
24
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Schematics and layout
5.6
Auxiliary power supply
Figure 20 depicts the schematic of the auxiliary power supply for the EVAL-M1-IM240-A board. The circuit
includes the latest CoolSET 5 of Infineon and flyback topology, directly output 15 V and 6 V. VCC is connected to
the gate drivers inside the CIPOS™ IPM.
Figure 20 Power supply section of the EVAL-M1-IM240-A evaluation board
The linear voltage regulator IFX1117ME V33 generates 3.3 V from 6 V power supply VCC. The 3.3 V power supply is
used in the inverter external overcurrent comparator circuit. Both VCC and 3.3 V are also present on the 20-pins
iMOTION™ MADK-M1 interface connector J4 to power circuitry on the control board.
SFH617A-3X007
U3
Vin
Vout
GND
U1
IFX1117ME V33
ECAP 16V 100uF 8*3.5
C8
ECAP 16V 220uF 8*3.5
C7
330uF/25V/8*3.5
C4
ECAP 25V 330uF 8*3.5
C3
100uF/35V/5*2
C9
DNI
C1
10uF 16V
C6
1nF/50V/0603
C20
10uF 16V
C5
1nF/630V/1206
C2
SS3H10-E3/9AT-3A/100V(肖特基)
D3
BYS10-45-E3/TR3-1.5A/45V
D5
US1M-E3/61T-1A/1000V
D4
RF071M2S-200V-700mA
D6
2.2nF/16V/0603
C17
GND
GND
VCC
+3.3V
GND
VCC
220nF/50V/0603
C18
1000pF/16V/0603
C16
GND
+6V
0.1uF/50V/0805
C19
GND
TP1
VCC
TP2
3.3V
C10
0.1uF 16V
C12
0.1uF 16V
C11
0.1uF 16V
+3.3V
+15V
GND
High Voltage
R4
3M 1/4W
R3
15M 1/4W
R5
3M 1/4W
R10
3M 1/4W
R6
15M 1/4W
R8
15M 1/4W
R16
62Kohm 1/4W 1%
R9
4R7 1/10W
R2
68k 1/4W
RS1
5.1R 1/4W
RS2
5.1R 1/4W
R17
510Kohm 1/8W 1%
R1
DNI
R12
0R 1/10W
R14
1.5K 1/10W
R13
48.7K 1/10W 1%
R15 22K 1/10W
R18
820R 1/10W
R19
9.76K 1/10W
DCP
L1
2.2uH/2.5A
1
2
3
4
5
6
7
10
9
T1
EE13-10P
GND
GND
GND
GND
Drain
6
VIN
1
Drain
7
NC
9
GATE
10
VCC
11
GND
12
Drain
5
VERR
2
FB
3
CS
4
Drain
8
U2
ICE5GR4780AG
ZD1
MMSZ5251B-7-F-22V 500mW
U4
TL431DBZR
15V*500mA=7.5W
3.3V*300mA=0.99W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com