Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CM9320 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM9320
Description  Asymmetrical High Efficiency Two Channel Boost LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9320 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM9320 Datasheet HTML 1Page - California Micro Devices Corp CM9320 Datasheet HTML 2Page - California Micro Devices Corp CM9320 Datasheet HTML 3Page - California Micro Devices Corp CM9320 Datasheet HTML 4Page - California Micro Devices Corp CM9320 Datasheet HTML 5Page - California Micro Devices Corp CM9320 Datasheet HTML 6Page - California Micro Devices Corp CM9320 Datasheet HTML 7Page - California Micro Devices Corp CM9320 Datasheet HTML 8Page - California Micro Devices Corp CM9320 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
05/08/06
CM9320
PRELIMINARY
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
PACKAGE / PINOUT DIAGRAM
Note: This drawing is not to scale.
CM9320-01DE
10 Lead TDFN Package
CMxxx
GND
4
3
2
1
4
3
2
1
6
7
8
9
PAD
xxxxxx
7
8
9
10
6
5
5
10
Pin 1
Marking
BOTTOM VIEW
(Pins Up View)
TOP VIEW
(Pins Down View)
PART NUMBERING INFORMATION
Pins
Package
Lead Free Finish
Ordering Part Number1
Part Marking
10
TDFN
CM9320-01DE
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
ESD Protection (HBM)
± 2kV
VIN to GND
[GND - 0.3] to +6.0
V
Pin Voltages
VOUT, SW to GND
LED1, LED2 to GND
ISET1, ISET2 to GND
20
20
[GND - 0.3] to +5.0
V
V
V
Storage Temperature Range
-65 to +150
°C
Operating Temperature Range
-40 to +85
°C
Lead Temperature (Soldering, 10s)
300
°C
Package Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com