Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF-PSHT005KX Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-PSHT005KX
Description  MF-PSHT Series - PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-PSHT005KX Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-PSHT005KX Datasheet HTML 1Page - Bourns Electronic Solutions MF-PSHT005KX Datasheet HTML 2Page - Bourns Electronic Solutions MF-PSHT005KX Datasheet HTML 3Page - Bourns Electronic Solutions MF-PSHT005KX Datasheet HTML 4Page - Bourns Electronic Solutions MF-PSHT005KX Datasheet HTML 5Page - Bourns Electronic Solutions MF-PSHT005KX Datasheet HTML 6Page - Bourns Electronic Solutions MF-PSHT005KX Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MF-PSHT Series - PTC Resettable Fuses
Features
n
CompliantwithAEC-Q200Rev-DStress
TestQualificationforPassiveComponents
inAutomotiveApplications
n
Operatingtemperaturerangeupto125°C
n
Lowthermalderatingfactor
n
Higherholdcurrentsatelevatedtemperature
n
RoHScompliant*
AUTOMOTIVE
GRADE
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Environmental Characteristics
Item
Condition
Criteria
Operating Temperature
-40 °C to +125 °C
Recommended Storage
+40 °C max. / 70 % R.H. max.
Passive Aging
+125 °C, 1000 hours
R < R1max
Humidity Aging
+85 °C, 85 % R.H. 1000 hours
R < R1max
Thermal Shock
-40 °C to +125 °C, 20 times
R < R1max
Solvent Resistance
MIL-STD-202, Method 215
No change
(marking still legible)
Vibration
MIL-STD-883C, Method 2007.1
Condition A
No change
(Rmin < R < R1max)
Moisture Sensitivity Level
(MSL)
See Note
ESD Classification
Class 6 (per AEC-Q200-2, HBM)
* RoHSDirective2015/863,Mar31,2015andAnnex.
Specificationsaresubjecttochangewithoutnotice.Usersshouldverifyactualdeviceperformanceintheirspecific
applications.Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelast
pageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Electrical Characteristics
Model
Vmax Imax
Ihold Itrip
Resistance
Max. Time
To Trip
Tripped Power
Dissipation
Agency Recognition
at 23 °C
at 23 °C Ohms
at 23 °C
at 23 °C Watts
cUL
TÜV
Volts Amps
Amps
RMin. R1Max.** Amps Seconds
Typ.
E174545 R50384138
MF-PSHT005KX
16
40
0.05 0.25
1.50
50.0
0.50
1.50
0.9
3
3
MF-PSHT010KX
16
40
0.10 0.50
1.00
7.50
2.50
1.50
0.9
3
3
MF-PSHT016KX
16
40
0.16 0.80
0.70
6.00
8.00
0.10
0.9
3
3
MF-PSHT020KX
16
40
0.20 1.00
0.50
5.00
8.00
0.10
0.9
3
3
MF-PSHT035KX
16
40
0.35 1.75
0.25
3.00
8.00
0.10
0.9
3
3
MF-PSHT050KX
12
40
0.50 2.00
0.12
1.60
8.00
0.10
0.9
3
3
MF-PSHT010X***
16
40
0.10 0.60
1.00
7.50
2.50
1.50
1.0
** R1Max. measured 24 hours post reflow.
*** Legacy model - not recommended for new designs.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
ModelMF-PSHT010Xisnot
recommendedfornewdesigns.
ModelMF-PSHT010KXisa
possiblereplacement-seespecifications
below.


Similar Part No. - MF-PSHT005KX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSHT005KX BOURNS-MF-PSHT005KX Datasheet
982Kb / 7P
MF-PSHT Series - PTC Resettable Fuses
REV. J 02/23
MF-PSHT005KX BOURNS-MF-PSHT005KX Datasheet
794Kb / 3P
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
Mar 31, 2015
More results

Similar Description - MF-PSHT005KX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com