Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF-PSML150/6 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-PSML150/6
Description  MF-PSML/X Series - Low Ohmic PTC Resettable Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-PSML150/6 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-PSML150/6 Datasheet HTML 1Page - Bourns Electronic Solutions MF-PSML150/6 Datasheet HTML 2Page - Bourns Electronic Solutions MF-PSML150/6 Datasheet HTML 3Page - Bourns Electronic Solutions MF-PSML150/6 Datasheet HTML 4Page - Bourns Electronic Solutions MF-PSML150/6 Datasheet HTML 5Page - Bourns Electronic Solutions MF-PSML150/6 Datasheet HTML 6Page - Bourns Electronic Solutions MF-PSML150/6 Datasheet HTML 7Page - Bourns Electronic Solutions MF-PSML150/6 Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MF-PSML/X Series - Low Ohmic PTC Resettable Fuses
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Packaging Quantity
MF-PSML075/6 ~ MF-PSML175/6 = 4,500 pcs. per reel
MF-PSML075/12 ~ MF-PSML175/12 = 4,500 pcs. per reel
MF-PSML200/6 ~ MF-PSML300/6 = 3,000 pcs. per reel
MF-PSML200/12 ~ MF-PSML300/12 = 3,000 pcs. per reel
MF-PSML350/8 ~ MF-PSML450/8 = 3,000 pcs. per reel
Thermal Derating Table - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
MF-PSML075/6
1.12
1.01
0.95
0.75
0.64
0.58
0.52
0.47
0.37
MF-PSML075/12
1.12
1.01
0.95
0.75
0.64
0.58
0.52
0.47
0.37
MF-PSML110/6
1.65
1.48
1.4
1.1
0.94
0.85
0.77
0.69
0.55
MF-PSML110/12
1.65
1.48
1.4
1.1
0.94
0.85
0.77
0.69
0.55
MF-PSML125/6
1.87
1.69
1.59
1.25
1.06
0.96
0.87
0.79
0.62
MF-PSML125/12
1.87
1.69
1.59
1.25
1.06
0.96
0.87
0.79
0.62
MF-PSML150/6
2.25
2.02
1.9
1.5
1.28
1.16
1.05
0.94
0.75
MF-PSML150/12
2.25
2.02
1.9
1.5
1.28
1.16
1.05
0.94
0.75
MF-PSML175/6
2.62
2.36
2.22
1.75
1.49
1.35
1.22
1.1
0.87
MF-PSML175/12
2.62
2.36
2.22
1.75
1.49
1.35
1.22
1.1
0.87
MF-PSML200/6
2.99
2.70
2.54
2.0
1.70
1.54
1.39
1.26
0.99
MF-PSML200/12
2.99
2.70
2.54
2.0
1.70
1.54
1.39
1.26
0.99
MF-PSML250/6
3.75
3.38
3.18
2.5
2.13
1.92
1.75
1.57
1.24
MF-PSML250/12
3.75
3.38
3.18
2.5
2.13
1.92
1.75
1.57
1.24
MF-PSML260/6
3.89
3.51
3.3
2.6
2.21
2.01
1.81
1.63
1.29
MF-PSML260/12
3.89
3.51
3.3
2.6
2.21
2.01
1.81
1.63
1.29
MF-PSML300/6
4.49
4.05
3.8
3.0
2.55
2.31
2.09
1.89
1.49
MF-PSML300/12
4.49
4.05
3.8
3.0
2.55
2.31
2.09
1.89
1.49
MF-PSML350/8
5.24
4.72
4.44
3.5
2.98
2.70
2.44
2.2
1.74
MF-PSML380/8
5.69
5.12
4.82
3.8
3.24
2.93
2.65
2.39
1.89
MF-PSML400/8
5.99
5.39
5.07
4.0
3.41
3.09
2.79
2.51
1.99
MF-PSML450/8
6.74
6.07
5.71
4.5
3.83
3.47
3.14
2.83
2.24
How to Order
MF - PSML 200 / 12 - 2
Multifuse®
Product Designator
Series
PSML = 0805 Low Ohmic
Surface Mount Component
Hold Current, Ihold
075 ~ 450 (0.75 ~ 4.5 Amps)
Maximum Voltage, Vmax
12 = 12 Volts
8 = 8 Volts
6 = 6 Volts
Packaging
-2 = Tape and Reel Packaged per EIA-481
Typical Part Marking
Represents total content. Layout may vary.
PART IDENTIFICATION:
MF-PSML075/6 = D6
MF-PSML075/12 = D2
MF-PSML110/6 = E6
MF-PSML110/12 = E2
MF-PSML125/6 = F6
MF-PSML125/12 = F2
MF-PSML150/6 = G6
MF-PSML150/12 = G2
MF-PSML175/6 = H6
MF-PSML175/12 = H2
MF-PSML200/6 = J6
MF-PSML200/12 = J2
MF-PSML250/6 = M6
MF-PSML250/12 = M2
MF-PSML260/6 = N6
MF-PSML260/12 = N2
MF-PSML300/6 = P6
MF-PSML300/12 = P2
MF-PSML350/8 = S8
MF-PSML380/8 = V8
MF-PSML400/8 = U8
MF-PSML450/8 = X8
J2
Manufacturing date code is located on packaging label



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com