Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVM4A103D01B00 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # PVM4A103D01B00
Description  Sealed construction protects the interior from dust and liquid, which achieves stable performance.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PVM4A103D01B00 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  PVM4A103D01B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PVM4A103D01B00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PVM4A103D01B00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
PVM4A103D01B00
Note: This datasheet may be out of date.
Please download the latest datasheet of PVM4A103D01B00 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PVM4A103D01B00
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated09/05/2022
Appearance & Shape
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
B00
Bulk(Bag)
500
Features
1. Sealed construction protects the interior from
dust and liquid, which achieves stable performance.
2. Available for flow and reflow soldering methods
while maintaining unique sealed construction.
3. Simple construction of 3-piece parts achieves
high reliability.
4. Large diameter slot of rotor improves driver insertion.
5. Available for cleaning after soldering.
1 of 3


Similar Part No. - PVM4A103D01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVM4A103D01 MURATA-PVM4A103D01 Datasheet
1Mb / 55P
Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
logo
Murata Manufacturing Co...
PVM4A103D01R00 MURATA1-PVM4A103D01R00 Datasheet
250Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
More results

Similar Description - PVM4A103D01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVG3A100C01B00 MURATA1-PVG3A100C01B00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A102C01R00 MURATA1-PVG3A102C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A105C01R00 MURATA1-PVG3A105C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A200C01R00 MURATA1-PVG3A200C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A203C01B00 MURATA1-PVG3A203C01B00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A500C01B00 MURATA1-PVG3A500C01B00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A503C01R00 MURATA1-PVG3A503C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3G100C01B00 MURATA1-PVG3G100C01B00_V01 Datasheet
250Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
PVG3G104C01B00 MURATA1-PVG3G104C01B00_V01 Datasheet
250Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
PVG3G104C01R00 MURATA1-PVG3G104C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com