Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

04022A104F4T2A Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # 04022A104F4T2A
Description  Automotive MLCC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

04022A104F4T2A Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  04022A104F4T2A Datasheet HTML 1Page - Kyocera Kinseki Corpotation 04022A104F4T2A Datasheet HTML 2Page - Kyocera Kinseki Corpotation 04022A104F4T2A Datasheet HTML 3Page - Kyocera Kinseki Corpotation 04022A104F4T2A Datasheet HTML 4Page - Kyocera Kinseki Corpotation 04022A104F4T2A Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
56
Automotive MLCC-NP0
Capacitance Range
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
Case Size
0402
0603
0805
1206
1210
Length (L)
mm
(in.)
1.00 ± 0.10
(0.040 ± 0.004)
1.60 ± 0.15
(0.063 ± 0.006)
2.01 ± 0.20
0.079 ± 0.008
3.20 ± 0.20
(0.126 ± 0.008)
3.20 ± 0.20
(0.126 ± 0.008)
Width (W)
mm
(in.)
0.50 ± 0.10
(0.020 ± 0.004)
0.81 ± 0.15
(0.032 ± 0.006)
1.25 ± 0.20
(0.049 ± 0.008)
1.60 ± 0.20
(0.063 ± 0.008)
2.50 ± 0.20
(0.098 ± 0.008)
Terminal
(t)
mm
(in.)
0.25 ± 0.15
(0.010 ± 0.006)
0.35 ± 0.15
(0.014 ± 0.006)
0.50 ± 0.25
(0.020 ± 0.010)
0.50 ± 0.25
(0.020 ± 0.010)
0.50 ± 0.25
(0.020 ± 0.010)
CAP
CAP
Code
25
50
100
25
50
100
200
250
25
50
100
200
250
500
630
25
50
100
200
250
500
630
1000
50
100
200
250
500
630
1000
0.5
0R5
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
1
1R0
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
5
5R0
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
10
100
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
12
120
C
C
C
G
G
G
G
G
J
J
J
J
J
 
 
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
15
150
C
C
C
G
G
G
G
G
J
J
J
J
J
 
 
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
18
180
C
C
C
G
G
G
G
G
J
J
J
J
J
 
 
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
22
220
C
C
C
G
G
G
G
G
J
J
J
J
J
 
 
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
27
270
C
C
C
G
G
G
G
G
J
J
J
J
J
 
 
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
33
330
C
C
C
G
G
G
G
G
J
J
J
J
J
 
 
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
39
390
C
C
C
G
G
G
G
G
J
J
J
J
J
 
 
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
47
470
C
C
 
G
G
G
G
G
J
J
J
J
J
 
 
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
56
560
C
C
 
G
G
G
G
 
J
J
J
J
N
 
 
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
68
680
C
C
 
G
G
G
G
 
J
J
J
J
N
 
 
J
J
J
J
J
J
Q
Q
J
J
J
J
J
J
J
82
820
C
C
 
G
G
G
G
 
J
J
J
J
N
 
 
J
J
J
J
J
J
Q
Q
N
N
N
N
N
N
N
100
101
C
C
 
G
G
G
G
 
J
J
J
J
N
 
 
J
J
J
J
J
J
Q
Q
N
N
N
N
N
N
N
120
121
 
 
 
G
G
G
 
 
J
J
J
J
N
 
 
J
J
J
J
J
J
Q
Q
N
N
N
P
P
P
X
150
151
 
 
 
G
G
G
 
 
J
J
J
J
N
 
 
J
J
J
J
J
J
Q
Q
N
N
N
P
P
P
X
180
181
 
 
 
G
G
G
 
 
J
J
J
J
N
 
 
J
J
J
J
J
J
Q
Q
N
N
N
P
P
P
X
220
221
 
 
 
G
G
G
 
 
J
J
J
J
N
 
 
J
J
J
J
J
J
Q
Q
N
N
N
P
P
P
X
270
271
 
 
 
G
G
G
 
 
J
J
J
J
N
 
 
J
J
J
J
J
J
Q
 
N
N
N
P
P
P
X
330
331
 
 
 
G
G
G
 
 
J
J
J
J
N
 
 
J
J
J
J
J
J
Q
 
N
N
N
P
P
P
X
390
391
 
 
 
G
G
G
 
 
J
J
J
J
 
 
 
J
J
J
J
J
J
Q
 
N
N
N
P
P
P
X
430
431
 
 
 
G
G
 
 
 
J
J
J
J
 
 
 
J
J
J
J
J
J
Q
 
N
N
N
P
P
P
X
470
471
 
 
 
G
G
 
 
 
J
J
J
J
 
 
 
J
J
J
J
J
J
Q
 
N
N
N
P
P
P
X
560
561
 
 
 
G
G
 
 
 
J
J
J
 
 
 
 
J
J
J
J
M
Q
Q
 
N
N
N
P
P
P
 
680
681
 
 
 
G
G
 
 
 
J
J
J
 
 
 
 
J
J
J
J
M
Q
Q
 
N
N
N
P
P
P
 
1,000
102
 
 
 
G
G
 
 
 
J
J
J
 
 
 
 
J
J
J
J
M
Q
Q
 
N
N
N
P
P
X
 
1,200
122
 
 
 
G
G
 
 
J
J
 
 
 
 
 
N
N
N
N
 
 
 
N
N
N
P
P
 
 
1,500
152
 
 
 
G
G
 
 
 
J
J
 
 
 
 
N
N
N
N
 
 
 
N
N
N
P
P
 
 
2,200
222
 
 
 
G
 
 
 
J
J
 
 
 
 
 
M
M
M
M
M
M
M
 
N
N
N
P
K
K
 
2,700
272
 
 
 
G
 
 
 
 
 
 
 
 
 
 
M
M
M
M
M
M
M
 
 
 
 
 
K
K
 
3,300
332
G
M
M
M
M
M
M
M
K
K
3,900
392
G
M
M
M
M
M
M
M
M
M
4,700
472
G
P
P
P
P
P
P
P
M
M
5,600
562
G
M
M
6,800
682
G
N
N
8,200
822
G
P
P
10,000
103
G
X
X
X
12,000
123
X
15,000
153
X
18,000
183
X
22,000
223
X
27,000
273
X
33,000
333
X
39,000
393
47,000
473
56,000
563
68,000
683
82,000
823
100,000
104
CAP
CAP
Code
25
50
100
25
50
100
200
250
25
50
100
200
250
500
630
25
50
100
200
250
500
630
1000
50
100
200
250
500
630
1000
Case Size
0402
0603
0805
1206
1210
TDS-SMDMLCC-0005 | Rev 1
– surface mount ceramic capacitor products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com