Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56609DDFM Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F56609DDFM
Description  120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,12-bit A/D converter
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56609DDFM Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F56609DDFM Datasheet HTML 78Page - Renesas Technology Corp R5F56609DDFM Datasheet HTML 79Page - Renesas Technology Corp R5F56609DDFM Datasheet HTML 80Page - Renesas Technology Corp R5F56609DDFM Datasheet HTML 81Page - Renesas Technology Corp R5F56609DDFM Datasheet HTML 82Page - Renesas Technology Corp R5F56609DDFM Datasheet HTML 83Page - Renesas Technology Corp R5F56609DDFM Datasheet HTML 84Page - Renesas Technology Corp R5F56609DDFM Datasheet HTML 85Page - Renesas Technology Corp R5F56609DDFM Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 123 page
background image
R01DS0393EJ0100 Rev.1.00
Page 82 of 123
Mar 18, 2022
RX660 Group
2. Electrical Characteristics
Figure 2.31
Output Disable Time for POE in Response to the Simultaneous Conduction of Output
Pins
Figure 2.32
Output Disable Time for POE in Response to the Register Setting
Figure 2.33
Output Disable Time for POE in Response to the Oscillation Stop Detection
Outputs
disabled
Simultaneous active-level outputs detected*
1
Note 1.
When the active level is set to low.
MTU PWM output pins
tPOEDO
MTU PWM output pins
Outputs disabled
tPOEDS
Corresponding bit in
the SPOER register
Oscillation stop detection
signal (internal signal)
MTU PWM output pins
Outputs disabled
tPOEDOS
Main clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com