Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56604CDFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F56604CDFP
Description  120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,12-bit A/D converter
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56604CDFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F56604CDFP Datasheet HTML 1Page - Renesas Technology Corp R5F56604CDFP Datasheet HTML 2Page - Renesas Technology Corp R5F56604CDFP Datasheet HTML 3Page - Renesas Technology Corp R5F56604CDFP Datasheet HTML 4Page - Renesas Technology Corp R5F56604CDFP Datasheet HTML 5Page - Renesas Technology Corp R5F56604CDFP Datasheet HTML 6Page - Renesas Technology Corp R5F56604CDFP Datasheet HTML 7Page - Renesas Technology Corp R5F56604CDFP Datasheet HTML 8Page - Renesas Technology Corp R5F56604CDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 123 page
background image
RX660 Group
1. Overview
R01DS0393EJ0100 Rev.1.00
Page 4 of 123
Mar 18, 2022
External bus extension
 The external address space can be divided into four areas (CS0 to CS3), each with
independent control of access settings.
Capacity of each area: 2 Mbytes (CS0 to CS3)
A chip-select signal (CS0# to CS3#) can be output for each area.
Each area is specifiable as an 8-, or 16-bit bus space.
The data arrangement in each area is selectable as little or big endian (only for data).
 Bus format: Separate bus, multiplex bus
 Wait control
 Write buffer facility
DMA
DMA controller
(DMACAa)
 8 channels
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Software trigger, external interrupts, and interrupt requests from
peripheral functions
Data transfer controller
(DTCb)
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Request sources: External interrupts and interrupt requests from peripheral functions
I/O ports
Programmable I/O ports
 I/O ports for the 144-pin LFQFP with no JTAG interface and no sub-clock oscillator
I/O pins: 133
Input pin: 1
Pull-up resistors: 133
Open-drain outputs: 133
5-V tolerance: 4
 I/O ports for the 144-pin LFQFP with a sub-clock oscillator, but no JTAG interface
I/O pins: 131
Input pin: 1
Pull-up resistors: 131
Open-drain outputs: 131
5-V tolerance: 4
 I/O ports for the 144-pin LFQFP with a JTAG interface, but no sub-clock oscillator
I/O pins: 132
Input pin: 1
Pull-up resistors: 132
Open-drain outputs: 132
5-V tolerance: 4
 I/O ports for the 144-pin LFQFP with a JTAG interface and a sub-clock oscillator
I/O pins: 130
Input pin: 1
Pull-up resistors: 130
Open-drain outputs: 130
5-V tolerance: 4
 I/O ports for the 100-pin LFQFP with no JTAG interface and no sub-clock oscillator
I/O pins: 91
Input pin: 1
Pull-up resistors: 91
Open-drain outputs: 91
5-V tolerance: 4
 I/O ports for the 100-pin LFQFP with a sub-clock oscillator, but no JTAG interface
I/O pins: 89
Input pin: 1
Pull-up resistors: 89
Open-drain outputs: 89
5-V tolerance: 4
 I/O ports for the 100-pin LFQFP with a JTAG interface, but no sub-clock oscillator
I/O pins: 90
Input pin: 1
Pull-up resistors: 90
Open-drain outputs: 90
5-V tolerance: 4
Table 1.1
Outline of Specifications (3/8)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com