Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RZ/FIVE Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # RZ/FIVE
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/FIVE Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button RZ/FIVE Datasheet HTML 38Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 39Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 40Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 41Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 42Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 43Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 44Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 45Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 42 of 83
Jul 28, 2022
Table 2.2
List of Pin Function Selection Used on Each Module Board (18/18)
Pin
Location
Pin Name
RZ/G2UL
Pin Function
RZ/A3UL
Pin Function
RZ/Five
Pin Function
Description
SMARC
Pin No.
SMARC
Pin Name
K24
VSS
VSS
VSS
VSS
GND
—
—
L17
VSS
VSS
VSS
VSS
GND
—
—
L20
VSS
VSS
VSS
VSS
GND
—
—
L6
VSS
VSS
VSS
VSS
GND
—
—
L9
VSS
VSS
VSS
VSS
GND
—
—
M23
VSS
VSS
VSS
VSS
GND
—
—
N20
VSS
VSS
VSS
VSS
GND
—
—
N25
VSS
VSS
VSS
VSS
GND
—
—
N6
VSS
VSS
VSS
VSS
GND
—
—
N9
VSS
VSS
VSS
VSS
GND
—
—
P20
VSS
VSS
VSS
VSS
GND
—
—
R17
VSS
VSS
VSS
VSS
GND
—
—
R23
VSS
VSS
VSS
VSS
GND
—
—
R6
VSS
VSS
VSS
VSS
GND
—
—
R9
VSS
VSS
VSS
VSS
GND
—
—
T1
VSS
VSS
VSS
VSS
GND
—
—
T20
VSS
VSS
VSS
VSS
GND
—
—
U11
VSS
VSS
VSS
VSS
GND
—
—
U13
VSS
VSS
VSS
VSS
GND
—
—
U15
VSS
VSS
VSS
VSS
GND
—
—
U17
VSS
VSS
VSS
VSS
GND
—
—
U24
VSS
VSS
VSS
VSS
GND
—
—
U6
VSS
VSS
VSS
VSS
GND
—
—
U9
VSS
VSS
VSS
VSS
GND
—
—
V20
VSS
VSS
VSS
VSS
GND
—
—
V23
VSS
VSS
VSS
VSS
GND
—
—
V3
VSS
VSS
VSS
VSS
GND
—
—
V6
VSS
VSS
VSS
VSS
GND
—
—
W25
VSS
VSS
VSS
VSS
GND
—
—
W3
VSS
VSS
VSS
VSS
GND
—
—
Y1
VSS
VSS
VSS
VSS
GND
—
—
Y13
VSS
VSS
VSS
VSS
GND
—
—
Y16
VSS
VSS
VSS
VSS
GND
—
—
Y20
VSS
VSS
VSS
VSS
GND
—
—
Y23
VSS
VSS
VSS
VSS
GND
—
—
Y6
VSS
VSS
VSS
VSS
GND
—
—
B21
WDTOVF_
PERROUT#
WDTOVF_
PERROUT#
WDTOVF_
PERROUT#
NC
Connected to a logic IC for using
NRESET function of PMIC
Note: Unused in case of
RZ/Five
—
—
Y2
XIN
XIN
XIN
XIN
GND (or 24MHz X'tal oscillator)
—
—
AA1
XOUT
XOUT
XOUT
XOUT
OPEN (or 24MHz X'tal oscillator)
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com