Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIF50B300 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AIF50B300
Description  600 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF50B300 Datasheet(HTML) 2 Page - Astec America, Inc

  AIF50B300 Datasheet HTML 1Page - Astec America, Inc AIF50B300 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2005 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Pin Assignments
Input (AC)
Output (DC)
Control P
Piin
nss
31. Positive 21. Positive
1. +Sense
32. Negative 22. Positive
2. Temp Mon
23. Positive
3. C Mon
24. Positive
4. C Share
25. Negative
5. Clk Out
26. Negative
6. Clk In
27. Negative
7. PG/ID
28. Negative
8. C Lim Adj
9. OVP Adj
10. V Adj
11. Enable
12. -Sense
Mechanical Drawing
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
Operating temperature
-20°C to +100°C (Case temperature)
Start up temperature
-40°C to +100°C (Case temperature)
Storage temperature
-40°C to +125°C
Overtemperature protection 110°C max
Environmental Specifications
Ordering Information
Input Voltage Output Voltage Efficiency
Model Number
300V
1.8V @ 120A
80% (Typ)
AIF120Y300
300V
3.3V @ 120A
87% (Typ)
AIF120F300
300V
5.0V @ 80A
90% (Typ)
AIF80A300
300V
12V @ 50A
90% (Typ)
AIF50B300
300V
15V @ 40A
90% (Typ)
AIF40C300
300V
24V @ 25A
90% (Typ)
AIF25H300
300V
48V @ 12.5A
90% (Typ)
AIF12W300
1. For Negative enable, add suffix “-N”.
2. For Non-thread hole, add suffix “-NT”.
3. For RoHS 6, add suffix “-L”. Default is RoHS 5.
Rev. 08.03.05
AIF Series
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com