Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PACUSB-U3 Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # PACUSB-U3
Description  Upstream USB Port Terminator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-U3 Datasheet(HTML) 7 Page - California Micro Devices Corp

  PACUSB-U3 Datasheet HTML 1Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 2Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 3Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 4Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 5Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 6Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
05/01/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
●
Tel: 408.263.3214
●
Fax: 408.263.7846
●
www.cmd.com
7
PACUSB-U1/U2/U3
Mechanical Details (continued)
SOT23 Mechanical Specifications
Dimensions for the PACUSB-U1/U2/U3 supplied in a
SOT23-6 package are presented below.
For complete information on the SOT23 , see the Cali-
fornia Micro Devices SOT23 Package Information doc-
ument.
Package Dimensions for SOT23-6.
PACKAGE DIMENSIONS
Package
MO-178
Pins
6
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
--
1.45
--
0.057
A1
0.00
0.15
0.000
0.006
b
0.30
0.50
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.75
3.05
0.108
0.120
E
2.60
3.00
0.102
0.118
E1
1.45
1.75
0.057
0.069
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.60 REF
0.0236 REF
# per tape
and reel
3000 pcs
Controlling dimension: inches
Mechanical Package Diagrams
TOP VIEW
A
SIDE VIEW
D
A1
L1
END VIEW
c
L
12
3
65
4
e1
e
E1 E
b
Pin 1
Marking



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com