Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PACUSB-D2Y5R Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # PACUSB-D2Y5R
Description  USB Downstream Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-D2Y5R Datasheet(HTML) 9 Page - California Micro Devices Corp

  PACUSB-D2Y5R Datasheet HTML 1Page - California Micro Devices Corp PACUSB-D2Y5R Datasheet HTML 2Page - California Micro Devices Corp PACUSB-D2Y5R Datasheet HTML 3Page - California Micro Devices Corp PACUSB-D2Y5R Datasheet HTML 4Page - California Micro Devices Corp PACUSB-D2Y5R Datasheet HTML 5Page - California Micro Devices Corp PACUSB-D2Y5R Datasheet HTML 6Page - California Micro Devices Corp PACUSB-D2Y5R Datasheet HTML 7Page - California Micro Devices Corp PACUSB-D2Y5R Datasheet HTML 8Page - California Micro Devices Corp PACUSB-D2Y5R Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
09/14/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
9
PACUSB-D1/D2/D3
Mechanical Details (continued)
SC70-5 Mechanical Specifications:
Dimensions for PACUSB-D1/D2/D3 devices packaged
in a 5-pin SC70 package are presented below.
For complete information on the SC70-5 package, see
the California Micro Devices SC70 Package Informa-
tion document.
* This is an approximate amount which may vary.
Package Dimensions for SC70-5.
PACKAGE DIMENSIONS
Package
SC70-5
(JEDEC name is MO-203 Issue A)
Pins
5
Dimensions
Millimeters
Min
Max
A
0.80
1.10
A1
0.00
0.10
A2
0.70
1.00
B
0.15
0.30
c
0.08
0.25
D
1.85
2.25
E
1.15
1.35
e
0.65 BSC
HE
2.00
2.40
L
0.26
0.46
# / bag
1000 pieces*
# / tape and reel
3000 pieces*
Mechanical Package Diagrams
TOP VIEW
e
e
E HE
B
A
SIDE VIEW
L
END VIEW
D
A2
A1
c
12
3
54



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com