Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APA18T12-9 Datasheet(PDF) 1 Page - Astec America, Inc

Part # APA18T12-9
Description  75 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APA18T12-9 Datasheet(HTML) 1 Page - Astec America, Inc

  APA18T12-9 Datasheet HTML 1Page - Astec America, Inc APA18T12-9 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Electrical Specs
Special Features
75 Watts
APA18
• Point of load (POL) applications
• High Current slew rate at 1A/uS
• High efficiency - 91%@3.3V (typ)
• Open frame SIP
• -40°C to +85°C Ambient operating temperature
• Positive enable function
• Low output ripple and noise
• Adjustable output voltage through external
resistor programming
• Regulation to zero load
Environmental
Operating temperature
-40°C to +85°C (Ambient temperature)
Storage temperature: -55°C to +125°C
MTBF: >1million hours
Input
Input range
10.0 to 14.0V
Input Surge
15V
Efficiency
92%@3.3V (Typical)
Output
Line Regulation
<0.5%
Load Regulation
0.75Vo
7mV
0.75 < Vo < 3.3V
15mV
3.3V
≤ Vo
25mV
Regulation
< 1.0%
Over operating
Temperature range
Load Current
18A max *
Noise / Ripple
0.75V - 5.0V
60mV
>5.0V
75mV
Current Slew Rate
up to 1A/uS
Transient Response
200mV typical deviation
for Load Change of 50% step
between 10% to 100% of load
200uS recovery
Remote Sense
0.25V
Turn On Input Voltage
8.7V - 9.7V (Typ)
UVLO Hysterisis
1V (Typ)
OCP/OTP
Hiccup - auto recovery
Isolation
Non-isolated module
Control
Enable
TTL compatible
(positive enable)
Note
Specifications subject to change without notice.
Safety
UL , cUL
60950 Recognized (Pending)
TUV
EN60950 Licensed (Pending)
Total Power:
75 Watts
Input Voltages:
10.0V to 14.0V
No. of Outputs:
Single


Similar Part No. - APA18T12-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APA18T12-9 ASTEC-APA18T12-9 Datasheet
322Kb / 17P
12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
APA18T12-9H ASTEC-APA18T12-9H Datasheet
322Kb / 17P
12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
More results

Similar Description - APA18T12-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA60A-048L-033D025 ASTEC-AA60A-048L-033D025 Datasheet
596Kb / 2P
75 Watts
APC18T12-9 ASTEC-APC18T12-9 Datasheet
433Kb / 2P
75 Watts
logo
Power Mate Technology C...
HEC75 P-DUKE-HEC75 Datasheet
527Kb / 3P
75 WATTS DC-DC CONVERTER
QEB75 P-DUKE-QEB75_14 Datasheet
389Kb / 3P
75 WATTS DC-DC CONVERTER
logo
Emerson Network Power
AA60A-048L-033D025 EMERSON-NETWORKPOWER-AA60A-048L-033D025_02 Datasheet
908Kb / 2P
75 Watts Output loadsharing
logo
Artesyn Technologies
AIQ00ZPFC-01NL ARTESYN-AIQ00ZPFC-01NL Datasheet
464Kb / 3P
Total Power: 75 Watts
AVO75-48S1V2-4 ARTESYN-AVO75-48S1V2-4 Datasheet
1Mb / 3P
Total Power: 75 Watts
AVD75-48S3V3-6L ARTESYN-AVD75-48S3V3-6L Datasheet
1Mb / 3P
Total Power: 75 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
logo
XP Power Limited
QSB75 XPPOWER-QSB75 Datasheet
368Kb / 4P
75350 Watts QSB Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com