Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

36WSWPDOBD0211 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 36WSWPDOBD0211
Description  Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBD0211 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  36WSWPDOBD0211 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 2Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fanless Embedded Box PCs
Features
ARK-3534D Intel®12thGenXeon®WCore™i3/i5/i7/
i9 LGA1700 Expansion Fanless Box PC
ƒ
Support Intel® 12th Gen. Xeon® W and Core™ i3/i5/i7/i9 processor
ƒ
Triple independent display: HDMI + HDMI + Optional Display
ƒ
DDR5 SO-DIMM ECC/non-ECC memory support up to 64 GB
ƒ
9-36VDC wide range power input
ƒ
Up to 3sets 2.5" hard drive bays, support Intel® SW RAID
ƒ
Support up to 4GbE, 8USB, 8COM, 16bit DIO, 2CANBus, TPM2.0
ƒ
SUSI API, WISE-DeviceOn, McAfee and Acronis bundled
Specifications
Processor System
CPU
i9-12900E
i7-12700E
i5-12500E
i3-12100E
G6900E
Frequency
1.7-5.0GHz
1.6-4.8GHz
2.9-4.5GHz
3.2-4.2GHz
3.0GHz
L3 Cache
30MB
25MB
18MB
12MB
4MB
Cores
12
12
6
4
2
TDP
65W
65W
65W
60W
46W
Chipset
R680E
BIOS
AMI EFI 256Mbit
Memory
Technology
DDR5 4800 MHz
Max. Capacity
64 GB
Socket
2 x 288-pin ECC/nonECC SO-DIMM
Graphics
Chipset
Intel® UHD Graphics 770
Graphic Engine
DirectX 12, OpenGL 4.5
HW Encode: H.265/HEVC, H.264/MPEG-4 AVC, MPEG-2, JPEG/MJPEG and VP8.
HW Decode: H.265/HEVC, H.264/MPEG-4 AVC, MPEG-2, VC-1/WMV9, JPEG/MJPEG, VP8 and VP9
HDMI
2 HDMI port, HDMI 2.0 for HD video playback, 4096x2160@30Hz
Optional 3rd Display module
DVI-D / DP / HDMI Display Port
Triple Display
HDMI+HDMI + 3rd display module
Ethernet
LAN1
10/100/1000 Mbps Intel I219-LM GbE, support Wake On Lan
LAN2/3/4
10/100/1000/2500 Mbps Intel i225-LM GbE, support Wake On Lan
Audio
Interface
Realtek ALC888S, High Definition Audio, Line-out/Mic-in (switch)
Others
Watch dog Timer
255-level timer interval, setup by software
TPM
TPM 2.0 (by optional AMO-I029)
I/O Interface
Serial Port
4 x RS-232/422/485 port with auto flow control, 2 x RS-232 (additional COM7/8 2 x RS-232 by optional cable)
USB
8 x USB 3.2 (4 x Gen2, 4 x Gen1)
GPIO
16bit GPIO (by optional cable)
Expansions
CANBus
2 ports by optional cable
M.2
1 x M2. 2230 E key and 1 x M.2 2280 B key with SIM holder #1
Add-on Card Slot
2 Slot PCI + 1 Slot PCIex4 + 1 Slot PCIex16
(If card power power consumption over 30W for add-on cards, please bundled with AMO-3508 kit for power and thermal solutions)
Maximum card size
110mm (H) x 180mm (L)
Storage
HDD
2 x 2.5" SATAIII 15mm height HDD bay support Intel SW RAID (Up to 3 x 2.5" SATAIII HDD bays)
NVME
1 x PCIex2 (Share with M.2 2280 B key)
Software Support
Microsoft Windows
Windows 10
Linux
By Project Support
Power Requirements
Power Type
AT/ATX
Power Input Voltage
9-36V
Power Adapter
AC to DC, 230W (Optional)
Power Consumption
(CPU/Memory Only)
Typical
TBD
Max.
TBD
Mechanical
Construction
Aluminum housing
Mounting
Desk mounting
Dimensions (W x H x D)
197.2 x 204 x 230 mm
Weight
6.41 Kg
Environment
Operating Temperature
Up to 65W processor with extended temp peripherals: -20 ~ 60° C with 0.7m/s air flow
with HDD: 0 ~ 40° C with 0.7m/s air flow
Storage Temperature
-40 ~ 85° C
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Shock During Operation
With SSD: 30 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class B, CCC, BSMI
Safety
CB, UL, CCC, BSMI
#1 SIM holder and M.2 slot are hardware interfaces for wireless communication integration only. System level RF certification is not available.
RoHS
COMPLIANT
2002/95/EC
Preliminary
All product specifications are subject to change without notice.
Last updated: 22-Jun-2022


Similar Part No. - 36WSWPDOBD0211

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
More results

Similar Description - 36WSWPDOBD0211

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3531 ADVANTECH-ARK-3531 Datasheet
885Kb / 2P
Intel짰 9th Gen / Core??i3/i5/i7/i9 LGA1151 Fanless Box PC
22-Jan-2021
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
ARK-3530L ADVANTECH-ARK-3530L Datasheet
928Kb / 3P
Intel®Xeon® E3 / Core™ i3/i5/i7 LGA1151 Modular Expansion Fanless Box PC
14-Dec-2020
ARK-3532B ADVANTECH-ARK-3532B Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
ARK-3532C ADVANTECH-ARK-3532C Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
ARK-3532D ADVANTECH-ARK-3532D Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-415-TGL ADVANTECH-PPC-415-TGL Datasheet
507Kb / 2P
15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com