Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHIP_ID Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # CHIP_ID
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CHIP_ID Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button CHIP_ID Datasheet HTML 6Page - Omron Electronics LLC CHIP_ID Datasheet HTML 7Page - Omron Electronics LLC CHIP_ID Datasheet HTML 8Page - Omron Electronics LLC CHIP_ID Datasheet HTML 9Page - Omron Electronics LLC CHIP_ID Datasheet HTML 10Page - Omron Electronics LLC CHIP_ID Datasheet HTML 11Page - Omron Electronics LLC CHIP_ID Datasheet HTML 12Page - Omron Electronics LLC CHIP_ID Datasheet HTML 13Page - Omron Electronics LLC CHIP_ID Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
10
Copyright 2017 OMRON Corporation. All Rights Reserved.
4.3 Compensation of Pressure and Temperature
This section describes a typical measurement procedure and a calculation method after POR. This sensor has com-
pensation coefficients in internal Non Volatile Memory (NVM). The compensated pressure can be calculated by using
these values.
MSB of PRESS_TXDx, TEMP_TXDx and COE_** are sign bit.
Configure IO mode setting. Refer to IO_SETUP register section for more detail.
Read compensation coefficients which are stored in NVM. This procedure is sufficient just once after POR.
These values are used for a compensation calculation at the step ⑥ and ⑦.
Configure averaging times and power mode. Refer to CTRL_MEAS register section for more detail.
Read raw temperature data which are stored in TEMP_TXDx registers.
Read raw pressure data which are stored in PRESS_TXDx registers.
Compensated temperature can be calculated by using the below formula and the values of the step ② and ④.
2
2
1
0
Dt
a
Dt
a
a
Tr
Tr Calculation Result of Temperature ( Tr/256 = Temperature [degreeC] )
e.g.)
If Tr Value is 6400 LSB,
degreeC
25.00
C
LSB/degree
256
LSB
6400
Factor
Scaling
(LSB)
Value
Tr
(degreeC)
e
Temperatur
Dt Raw Temperature Data [digit] ( 20-24bits measurement value of TEMP_TXDx Reg. )
a0 Compensation Coefficient of PTAT (NVM resister: COE_a0_ex, COE_a0_0, COE_a0_1
)
a1 Compensation Coefficient of PTAT (NVM resister: COE_a1_0, COE_a1_1
)
a2 Compensation Coefficient of PTAT (NVM resister: COE_a2_0, COE_a2_1 )
START
① Configure IO mode setting by
“IO_STUP” register
② Read Compensation Coefficients
from N.V.M. ( COE_** )
③ Configure Averaging Times and
Power Mode
④ Read Uncompensated
Temperature Value ( TEMP_TXDx )
⑤ Read Uncompensated
Pressure Value ( PRESS_TXDx )
⑥ Compensate Temperature Value
⑦ Compensate Pressure Value
: Read/Write Values through Digital I/F
: Calculation by User MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com