Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI5USB30216DXUAEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI5USB30216DXUAEX
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216DXUAEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI5USB30216DXUAEX Datasheet HTML 1Page - Diodes Incorporated PI5USB30216DXUAEX Datasheet HTML 2Page - Diodes Incorporated PI5USB30216DXUAEX Datasheet HTML 3Page - Diodes Incorporated PI5USB30216DXUAEX Datasheet HTML 4Page - Diodes Incorporated PI5USB30216DXUAEX Datasheet HTML 5Page - Diodes Incorporated PI5USB30216DXUAEX Datasheet HTML 6Page - Diodes Incorporated PI5USB30216DXUAEX Datasheet HTML 7Page - Diodes Incorporated PI5USB30216DXUAEX Datasheet HTML 8Page - Diodes Incorporated PI5USB30216DXUAEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Plug-in Detector for Type-C Connector
PI5USB30216D
www.diodes.com
August 2022
Document Number DS44977 Rev 1-2
1
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB30216D
Features
Compatible to USB Type-C® Specification 1.1
Backward Compatible to USB Type-C Specification 1.0
Supports Host mode/Device mode/Dual-role mode
Supports Dual-role modes with/without Try.SNK/Try.SRC
supported
Auto-configure Ports Orientation through CC Detection
Supports both pin control and I2C interface for control
and communication
Integrated high-precision resistors and current sources for
CC pins
Provides support for Default current, 1.5A and 3A modes
with I2C control
Power Saving Mode
Output indicator for plug-in detection
Wide Power Supply Range : 2.7V to 5.5V
Industrial Temperature Range: -40oC to 85oC
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200,
PPAP capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Packaging (Pb-free & Green):
12- contact, STQFN(1.6mm x1.6mm)
Applications
Notebooks
Mobile Phones
Tablets
Docking Station
Description
The DIODES™ PI5USB30216D provides a cost-effective
solution for USB 3.0 Type-C connector applications.
PI5USB30216D detects the plug-in orientation of the cable at a
Type-C connector. It supports host mode, device mode and
dual role mode ports with automatic configuration based on
the voltage levels detected on CC pins. It is a fully-integrated
solution with ultra-low power dissipation. PI5USB30216D
enters power-saving mode when EN pin is pulled down to
GND through an internal resistor.
PI5USB30216D supports both pin and I2C control base on
ADDR pin setting. It allows the system choose between pin
control and I2C control mode. In pin control mode, the PORT
input pin determines the port setting in which host, device or
dual-role port can be selected. In host mode, the system can
monitor ID pin to know the connector status while default
current mode is set. Systems running in device mode can
monitor system VBUS for connector status as well as OUT1
and OUT2 pins for host’s charging profile capability. Enabling
I2C control mode allows higher flexibility for port control and
communications
through
registers
read/write
in
PI5USB30216D. There is also flexibility to support Default,
1.5A and 3A current modes. An interrupt signal for indicating
changes with the I2C registers is sent to the master to notify
the system any change in the Type-C connector while in
parallel the system can still monitor ID pin.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
DIODES is a trademark of Diodes Incorporated in the United States and other countries.
The Diodes logo is a registered trademark of Diodes Incorporated in the United States and other countries.
USB Type-C® and USB-C® are registered trademarks of USB Implementers Forum.


Similar Part No. - PI5USB30216DXUAEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI5USB30216C DIODES-PI5USB30216C Datasheet
2Mb / 23P
Plug-in Detector for Type-C Connector
June 2022
PI5USB30216CXUAEX DIODES-PI5USB30216CXUAEX Datasheet
2Mb / 23P
Plug-in Detector for Type-C Connector
June 2022
More results

Similar Description - PI5USB30216DXUAEX

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
1451A SYSTEMSENSOR-1451A Datasheet
207Kb / 4P
Plug-in Smoke Detector
4451HT SYSTEMSENSOR-4451HT Datasheet
223Kb / 2P
Plug-in 190째F Thermal Detector
B406B SYSTEMSENSOR-B406B Datasheet
62Kb / 4P
Plug-in Detector Base
B110LP SYSTEMSENSOR-B110LP Datasheet
63Kb / 4P
Plug-in Detector Base
B110RLP SYSTEMSENSOR-B110RLP Datasheet
67Kb / 4P
Plug-in Detector Base
B112LP SYSTEMSENSOR-B112LP Datasheet
70Kb / 4P
Plug-in Detector Base
B114LP SYSTEMSENSOR-B114LP Datasheet
381Kb / 2P
Plug-in Detector Base
B116LP SYSTEMSENSOR-B116LP Datasheet
62Kb / 4P
Plug-in Detector Base
logo
List of Unclassifed Man...
690-024-260-900 ETC2-690-024-260-900 Datasheet
324Kb / 1P
USB 3.1 TYPE C PLUG CONNECTOR
logo
Diodes Incorporated
PI5USB30216C DIODES-PI5USB30216C Datasheet
2Mb / 23P
Plug-in Detector for Type-C Connector
June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com