Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXCT199C2 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT199C2
Description  High-Precision and Bidirectional Current Monitor for Accurate High-/Low-Side Current Measurement
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT199C2 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT199C2 Datasheet HTML 1Page - Diodes Incorporated ZXCT199C2 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODESTM Advantage
High-precision current monitor supports large current
measurement with small V
SENSE resistors and voltages.
The DIODESTM ZXCT199 current monitor is
a single-stage instrumentation amplifier
designed to accurately measure very small
sense voltages across a wide range of
common-mode voltages. Its applications
include current sensing of load currents in
power supplies, motor controlling, and
monitoring of charge and discharge currents
in battery-powered equipment.
The ZXCT199’s low offset voltage with
zero-drift architecture enables it to achieve
current sensing with maximum drops across
the shunt resistor, to as low as 10mV full-
scale, and thereby allowing the use of
small-value sense resistors to monitor large
currents.
The device is available in three fixed-
voltage gain options: 50V/V, 100V/V, and
200V/V. Each option has a wide -0.1V to
+26V common−mode sense input voltage
range, independent of supply voltage.
All ZXCT199 variants operate from a 2.7V
to 26V power supply, with a maximum of
100μA of supply current. The device
operates across a -40ºC to 125ºC
temperature range, and is packaged in the
industry-standard SOT363 package.
High-Precision and Bidirectional Current Monitor for
Accurate High-/Low-Side Current Measurement
ZXCT199
Offset Voltage as Low as 80µV
Minimizes errors when using low-value sense resistors
Gain Error as Low as 0.8%
Maintains accurate gain control across temperature and
common-mode voltage
Common Mode Range: -0.1 to 26V
Accurately measures high-side and low-side currents,
including short-circuited loads
Wide Operating Voltage Range: 2.7 to 26V
Provides options for powering separately or from a
monitored supply
Robust ESD Capability (HBM: 5kV, CDM: 1.5kV)
Improves system reliability
Applications
High-/low-side current sensing,
including short-circuits
Laptop PCs
Battery chargers
Power-management
devices
Servers
12V motor controls
July 2022
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries
DIODES is a trademark of Diodes Incorporated in the
United States and other countries.
© 2022 Copyright Diodes Incorporated. All Rights
Reserved.


Similar Part No. - ZXCT199C2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1008 ZETEX-ZXCT1008 Datasheet
154Kb / 8P
AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
ZXCT1008 ZETEX-ZXCT1008 Datasheet
1Mb / 8P
AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1008 DIODES-ZXCT1008 Datasheet
154Kb / 9P
AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1008 DIODES-ZXCT1008 Datasheet
562Kb / 8P
INCREASED AMBIENT TEMPERATURE HIGH-SIDE CURRENT MONITOR
Rev erse
logo
Zetex Semiconductors
ZXCT1008FTA ZETEX-ZXCT1008FTA Datasheet
154Kb / 8P
AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
More results

Similar Description - ZXCT199C2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Zetex Semiconductors
ZXCT1041 ZETEX-ZXCT1041 Datasheet
151Kb / 8P
Bidirectional precision high-side current monitor
logo
Diodes Incorporated
ZXCT1041 DIODES-ZXCT1041 Datasheet
514Kb / 12P
Bidirectional precision high-side current monitor
JANUARY 2008
logo
Texas Instruments
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Unisonic Technologies
UCM101 UTC-UCM101 Datasheet
110Kb / 4P
BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
UCM101 UTC-UCM101_15 Datasheet
110Kb / 4P
BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
logo
Texas Instruments
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com