Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D2F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2F
Description  Ultra Subminiature Basic Switch with plenty of terminal variations
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2F_V01 Datasheet HTML 1Page - Omron Electronics LLC D2F_V01 Datasheet HTML 2Page - Omron Electronics LLC D2F_V01 Datasheet HTML 3Page - Omron Electronics LLC D2F_V01 Datasheet HTML 4Page - Omron Electronics LLC D2F_V01 Datasheet HTML 5Page - Omron Electronics LLC D2F_V01 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
D2F
Ultra Subminiature Basic Switch
D
2
F
List of Models
*
OF are value for Pin plunger.
Contact Form
●SPDT
Contact Specifications
*
Please refer to "Using Micro Loads" in "Precautions" for more information
on the minimum applicable load.
Ratings
Note. The above rating values apply under the following test conditions.
(1) Ambient temperature: 20±2°C
(2) Ambient humidity: 65±5%
(3) Operating frequency: 30 operations/min
Approved Safety Standard
The items shown in the "List of Models" above are not standard approved models.
Consult your OMRON sales representative for specific models with standard approvals.
UL (UL1054) /CSA (CSA C22.2 No.55)
Ratings
3 A
1 A
0.1 A
5 A
Maximum Operating Force (OF) *
General Purpose
1.47 N {150 gf}
Low Operating Force
0.74 N {75 gf}
General Purpose
1.47 N {150 gf}
Low Operating Force
0.74 N {75 gf}
General Purpose
1.47 N {150 gf}
Actuator
Terminals
Pin plunger
PCB terminals (Standard)
D2F
D2F-F
D2F-01
D2F-01F
D2F-5
Self-clinching PCB terminals
D2F-T
D2F-F-T
D2F-01-T
D2F-01F-T
-
PCB terminals (Right-angled)
D2F-A
D2F-F-A
D2F-01-A
D2F-01F-A
PCB terminals (Left-angled)
D2F-A1
D2F-F-A1
D2F-01-A1
D2F-01F-A1
Solder terminals
D2F-D3
D2F-F-D3
D2F-01-D3
D2F-01F-D3
Compact solder terminals
D2F-D
D2F-F-D
D2F-01-D
D2F-01F-D
Hinge lever
PCB terminals (Standard)
D2F-L
D2F-FL
D2F-01L
D2F-01FL
D2F-5L
Self-clinching PCB terminals
D2F-L-T
D2F-FL-T
D2F-01L-T
D2F-01FL-T
-
PCB terminals (Right-angled)
D2F-L-A
D2F-FL-A
D2F-01L-A
D2F-01FL-A
PCB terminals (Left-angled)
D2F-L-A1
D2F-FL-A1
D2F-01L-A1
D2F-01FL-A1
Solder terminals
D2F-L-D3
D2F-FL-D3
D2F-01L-D3
D2F-01FL-D3
Compact solder terminals
D2F-L-D
D2F-FL-D
D2F-01L-D
D2F-01FL-D
Hinge roller
lever
PCB terminals (Standard)
D2F-L2
D2F-FL2
D2F-01L2
D2F-01FL2
-
Self-clinching PCB terminals
D2F-L2-T
D2F-FL2-T
D2F-01L2-T
D2F-01FL2-T
PCB terminals (Right-angled)
D2F-L2-A
D2F-FL2-A
D2F-01L2-A
D2F-01FL2-A
PCB terminals (Left-angled)
D2F-L2-A1
D2F-FL2-A1
D2F-01L2-A1
D2F-01FL2-A1
Solder terminals
D2F-L2-D3
D2F-FL2-D3
D2F-01L2-D3
D2F-01FL2-D3
Compact solder terminals
D2F-L2-D
D2F-FL2-D
D2F-01L2-D
D2F-01FL2-D
Simulated roller
lever (R1.3)
PCB terminals (Standard)
D2F-L3
D2F-FL3
D2F-01L3
D2F-01FL3
D2F-5L3
Self-clinching PCB terminals
D2F-L3-T
D2F-FL3-T
D2F-01L3-T
D2F-01FL3-T
-
PCB terminals (Right-angled)
D2F-L3-A
D2F-FL3-A
D2F-01L3-A
D2F-01FL3-A
PCB terminals (Left-angled)
D2F-L3-A1
D2F-FL3-A1
D2F-01L3-A1
D2F-01FL3-A1
Solder terminals
D2F-L3-D3
D2F-FL3-D3
D2F-01L3-D3
D2F-01FL3-D3
Compact solder terminals
D2F-L3-D
D2F-FL3-D
D2F-01L3-D
D2F-01FL3-D
Simulated roller
lever (R2.5)
PCB terminals (Standard)
D2F-L30
D2F-FL30
D2F-01L30
D2F-01FL30
-
Self-clinching PCB terminals
D2F-L30-T
D2F-FL30-T
D2F-01L30-T
D2F-01FL30-T
PCB terminals (Right-angled)
D2F-L30-A
D2F-FL30-A
D2F-01L30-A
D2F-01FL30-A
PCB terminals (Left-angled)
D2F-L30-A1
D2F-FL30-A1
D2F-01L30-A1
D2F-01FL30-A1
Solder terminals
D2F-L30-D3
D2F-FL30-D3
D2F-01L30-D3
D2F-01FL30-D3
Compact solder terminals
D2F-L30-D
D2F-FL30-D
D2F-01L30-D
D2F-01FL30-D
COM
NO NC
Item
Model
D2F models
D2F-5 models
D2F-01 models
Contact
Specifications
Crossbar
Material
Silver alloy
Gold alloy
Gap (standard value)
0.25 mm
Minimum applicable load (see note) *
100 mA at 5 VDC
1 mA at 5 VDC
Model
Maximum Operating
Force (OF)
Rated voltage
D2F models
D2F-01 models
D2F-5 models
1.47N (General-purpose) 0.74N (Low Operating Force) 1.47N (General-purpose) 0.74N (Low Operating Force) 1.47N (General-purpose)
Resistive load
125 VAC
3 A
1 A
-
-
30 VDC
2 A
0.5 A
0.1 A
-
250 VAC
-
-
5 A
Rated voltage
Model
D2F (General-purpose)
D2F (Low operating force)
D2F-01
125 VAC
3 A
1 A
-
30 VDC
2 A
0.5 A
0.1 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com