Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJ2H-CPU67 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # CJ2H-CPU67
Description  Flagship PLCs with Built-in Multifunctional Ethernet Port
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2H-CPU67 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button CJ2H-CPU67 Datasheet HTML 7Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 8Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 9Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 10Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 11Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 12Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 13Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 14Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
CJ2H-CPU6
@-EIP
EtherNet/IP Port
Dimensions
(Unit: mm)
CJ2H CPU Unit
CJ2H-CPU6
@-EIP
Item
Specification
Media Access Method
CSMA/CD
Modulation
Baseband
Transmission Paths
Star
Baud Rate
100 Mbps (100Base-TX)
Transmission Media
Shielded twisted-pair (STP) cable; Categories: 5, 5e
Transmission Distance
100 m (between hub and node)
Number of Cascade Connections
No restrictions if switching hub is used.
Communications
CIP Communications (tag data links, Explicit Messages).
FINS communications
65
79.8
74.5
2.7
2.7
90
66.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com