Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST2SC4375U Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC4375U
Description  NPN Silicon Epitaxial Planar Transistor High current application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC4375U Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SC4375U Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC4375U Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC4375U Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 17/04/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC4375U
NPN Silicon Epitaxial Planar Transistor
High current application
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
30
V
Collector Emitter Voltage
VCEO
30
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
1.5
A
Total Power Dissipation
Ptot
0.5
1
1)
W
Junction Temperature
TJ
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
1) When mounted on a 250 mm2 X 0.8 t ceramic substrate.
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 2 V, IC = 500 mA
Current Gain Group
O
Y
hFE
hFE
100
160
-
-
200
320
-
-
Collector Base Breakdown Voltage
at IC = 1 mA
V(BR)CBO
30
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
30
-
-
V
Emitter Base Breakdown Voltage
at IE = 1 mA
V(BR)EBO
5
-
-
V
Collector Cutoff Current
at VCB = 30 V
ICBO
-
-
100
nA
Emitter Cutoff Current
at VEB = 5 V
IEBO
-
-
100
nA
Collector Emitter Saturation Voltage
at IC = 1.5 A, IB = 30 mA
VCE(sat)
-
-
2
V
Base Emitter Voltage
at VCE = 2 V, IC = 500 mA
VBE
-
-
1
V
Transition Frequency
at VCE = 2 V, IC = 500 mA
fT
-
120
-
MHz
Collector Output Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
-
40
pF


Similar Part No. - ST2SC4375U

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
ST2SC4375U DGNJDZ-ST2SC4375U Datasheet
369Kb / 3P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC4375U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3203 KEC-KTC3203 Datasheet
277Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC3204 KEC-KTC3204 Datasheet
115Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC3205 KEC-KTC3205 Datasheet
325Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC3210 KEC-KTC3210 Datasheet
69Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC3211 KEC-KTC3211 Datasheet
69Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC4376 KEC-KTC4376 Datasheet
279Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTC8050 KEC-KTC8050 Datasheet
272Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTD1003 KEC-KTD1003 Datasheet
291Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
KTD1028 KEC-KTD1028 Datasheet
275Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
MPS8050 KEC-MPS8050 Datasheet
69Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com