Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6103-IL/F Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # 71M6103-IL/F
Description  Isolated Sensor ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6103-IL/F Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button 71M6103-IL/F Datasheet HTML 11Page - Maxim Integrated Products 71M6103-IL/F Datasheet HTML 12Page - Maxim Integrated Products 71M6103-IL/F Datasheet HTML 13Page - Maxim Integrated Products 71M6103-IL/F Datasheet HTML 14Page - Maxim Integrated Products 71M6103-IL/F Datasheet HTML 15Page - Maxim Integrated Products 71M6103-IL/F Datasheet HTML 16Page - Maxim Integrated Products 71M6103-IL/F Datasheet HTML 17Page - Maxim Integrated Products 71M6103-IL/F Datasheet HTML 18Page - Maxim Integrated Products 71M6103-IL/F Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
71M6xxx Data Sheet
18
5
ORDERING INFORMATION
Table 13: Product Variations
PART
APPLICATION
RATED
CURRENT
(A)
MAX INPUT
VOLTAGE AT
INP-INN PINS
(mV)
TEMP RANGE
(
°C)
TYP
OPERATING
TEMP RANGE
(
°C)
RECOMMENDED
METER
ACCURACY
CLASS
(%)
MAX SHUNT
RESISTANCE
(
µΩ)
71M6601
1-phase
60
44
-40 to +85
-20 to +60
1
736
71M6603
3-phase
71M6103
3-phase
100
19.6
-20 to +60
1
196
71M6113
3-phase
0.5
71M6201
1-phase
200
12.6
-40 to +85
0.2
63
71M6203
3-phase
Table 14: Packaging Information, Corresponding CE Codes, and Ordering Numbers
PART
TEMP RANGE
PIN-PACKAGE
71M654x CE CODE
71M6601-IL/F
-40
°C to +85°C
8 SO
EQU0-60
71M6601-ILR/F
-40
°C to +85°C
8 SO
EQU0-60
71M6603-IL/F
-40
°C to +85°C
8 SO
EQU5-60
71M6603-ILR/F
-40
°C to +85°C
8 SO
EQU5-60
71M6103-IL/F
-40
°C to +85°C
8 SO
EQU5-100
71M6103-ILR/F
-40
°C to +85°C
8 SO
EQU5-100
71M6113-IL/F
-40
°C to +85°C
8 SO
EQU5-100
71M6113-ILR/F
-40
°C to +85°C
8 SO
EQU5-100
71M6201-IL/F
-40
°C to +85°C
8 SO
EQU1-200, EQU2-200
71M6201-ILR/F
-40
°C to +85°C
8 SO
EQU1-200, EQU2-200
71M6203-IL/F
-40
°C to +85°C
8 SO
EQU5-200
71M6203-ILR/F
-40
°C to +85°C
8 SO
EQU5-200
F = Lead(Pb)-free/RoHS-compliant package.
R = Tape and reel.
6
RELATED INFORMATION
The following documents related to the 71M6xxx are available from Maxim Integrated:
71M6543F/H Data Sheet
71M6541D/F-71M6542F Data Sheet
71M6545/H Data Sheet
7
CONTACT INFORMATION
For technical support or more information about Maxim Integrated products, contact technical support at
www.maximintegrated.com/support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com