Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SE555Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SE555Q
Description  AUTOMOTIVE GRADE PRECISION TIMERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SE555Q Datasheet(HTML) 4 Page - Diodes Incorporated

  SE555Q Datasheet HTML 1Page - Diodes Incorporated SE555Q Datasheet HTML 2Page - Diodes Incorporated SE555Q Datasheet HTML 3Page - Diodes Incorporated SE555Q Datasheet HTML 4Page - Diodes Incorporated SE555Q Datasheet HTML 5Page - Diodes Incorporated SE555Q Datasheet HTML 6Page - Diodes Incorporated SE555Q Datasheet HTML 7Page - Diodes Incorporated SE555Q Datasheet HTML 8Page - Diodes Incorporated SE555Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SE555Q
Document number: DS39476 Rev. 2 - 2
4 of 14
www.diodes.com
May 2021
© Diodes Incorporated
SE555Q
Electrical Characteristics (VCC = 5V to 15V, TA = +25°C, unless otherwise stated.) (continued)
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
VOL
Low Level Output Voltage
VCC = 15V, IOL = 10mA
—
0.1
0.25
V
VCC = 15V, IOL = 50mA
—
0.4
0.75
VCC = 15V, IOL = 100mA
—
2
2.5
VCC = 15V, IOL = 200mA
—
2.5
—
VCC = 5V, IOL = 5mA
—
0.1
0.35
VCC = 5V, IOL = 8mA
—
0.15
0.4
VOH
High Level Output Voltage
VCC = 15V, IOH = -100mA
12.75
13.3
—
V
VCC = 15V, IOH = -200mA
—
12.5
—
VCC = 5V, IOH = -100mA
2.75
3.3
—
ICC
Supply Current
Output low, no load
VCC = 15V
—
10
15
mA
VCC = 5V
—
3
6
Output high, no load
VCC = 15V
—
9
13
VCC = 5V
—
2
5
TER
Initial Error of Timing Interval
(Note 10)
Each time, monostable
(Note 11)
—
—
1
3
%
Each time, astable
(Note 12)
—
2.25
—
TTC
Temperature Coefficient of Timing
Interval
Each time, monostable
(Note 11)
TA = full range
—
50
—
ppm/°C
Each time, astable
(Note 12)
—
150
—
TVCC
Supply Voltage Sensitivity of Timing
Interval
Each time, monostable
(Note 11)
—
—
0.1
0.5
%/V
Each time, astable
(Note 12)
—
0.3
—
tRI
Output Pulse Rise Time
CL = 15pF
—
100
300
ns
tFA
Output Pulse Fall Time
CL = 15pF
—
100
300
ns
Notes:
10. Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process run.
11. Values specified are for a device in a monostable circuit similar to Figure 1, with the following component values: RA = 2kΩ to 100kΩ, C = 0.1µF.
12. Values specified are for a device in an astable circuit similar to Figure 4, with the following component values: RA = 1kΩ to 100kΩ, C = 0.1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com