Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPS52 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPS52
Description  60 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS52 Datasheet(HTML) 1 Page - Astec America, Inc

  LPS52 Datasheet HTML 1Page - Astec America, Inc LPS52 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Americas: 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
74
Special Features
60 Watts
LPS50 Series
Electrical Specs
rev 08.16.05
UL
UL 60950-1
CSA
CSA-C22.2 No. 60950-1
NEMKO IEC/EN60950-1
TUV
EN60950-1
CB
Certificate and report
CE
LVD & EMC
CCC
GB4943
• Universal input
• 2” x 4” footprint
•Remote sense
• Overload and short circuit protection
• Adjustable Output Voltage
• High efficiency
• High MTBF
• Built in EMI filter (CISPR 22 Class B)
• LED power good indicator
• Input power <74 watts
• Complies with EN61000-3-2
• UL Class I approved
• UL Class II available, consult factory
Operating temperature: 0° to 50°C ambient derate
each output as 2.5% per degree from 50° to 70°C.
-20°C start up.
Storage temperature: -40°C to +85°C
Electromagnetic susceptibility:
designed to meetEN61000-4;
-2, -3, -4, -5, -6, -8, -11 Level 3
Humidity: Operating; non-condensing 10% to
95%RH
Vibration: IEC68-2-6 to the levels of IEC721-3-2
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient conditions.
Input
Input range
90-264 VAC (wide range)
127-300 VDC
Frequency
47-440 Hz
Inrush current
<60 A peak @ 230 VAC,
cold start @ 25°C
Input power
<74 Watts
Efficiency
80-85% typical at full load
EMI RFI
FCC Class B conducted
CISPR 22 Class B conducted
EN55022 class B conducted
VDE 0878 PT3 class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz,
264 VAC input for class I
<0.25mA@50/60Hz,
264 VAC input for class II
Output
Maximum power
60 W for convection (LPS52, 55W)
Adjustment range
±20% minimum
Hold-up time
10/20 ms 115/230 VAC Input line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-160% of
normal rating
Overvoltage protection
30-50% above nominal output
Remote sense
Compensates for 0.5 V lead drop max.
Will operate without remote sense
connected. Reverse connection
protected.
Environmental
Safety
Total Power:
55-60 Watts
Input Voltage:
90-264 VAC
127-300 VDC
# of Outputs:
Single


Similar Part No. - LPS52

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS52 EMERSON-NETWORKPOWER-LPS52 Datasheet
515Kb / 3P
Universal input
logo
Artesyn Technologies
LPS52 ARTESYN-LPS52 Datasheet
830Kb / 3P
Total Power: 55 - 60 Watts
logo
Astec America, Inc
LPS52-M ASTEC-LPS52-M Datasheet
595Kb / 2P
60 Watts
logo
Emerson Network Power
LPS52-M EMERSON-NETWORKPOWER-LPS52-M Datasheet
515Kb / 3P
Medical Safety Approvals
logo
Artesyn Technologies
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
Total Power: 55 - 60 Watts
More results

Similar Description - LPS52

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
60 Watts
APC18 ASTEC-APC18 Datasheet
749Kb / 2P
60 Watts
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
60 Watts
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
60 Watts
logo
Emerson Network Power
NPS62-M EMERSON-NETWORKPOWER-NPS62-M Datasheet
388Kb / 3P
60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
60 Watts
60-50TPR ANAREN-60-50TPR Datasheet
227Kb / 2P
60 Watts
60-50TP-S ANAREN-60-50TP-S Datasheet
284Kb / 2P
60 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com