Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GRP321015-PASC2 Datasheet(PDF) 8 Page - CT Micro International Corporation

Part # GRP321015-PASC2
Description  Dual Wavelength SMD Type Emitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

GRP321015-PASC2 Datasheet(HTML) 8 Page - CT Micro International Corporation

Back Button GRP321015-PASC2 Datasheet HTML 2Page - CT Micro International Corporation GRP321015-PASC2 Datasheet HTML 3Page - CT Micro International Corporation GRP321015-PASC2 Datasheet HTML 4Page - CT Micro International Corporation GRP321015-PASC2 Datasheet HTML 5Page - CT Micro International Corporation GRP321015-PASC2 Datasheet HTML 6Page - CT Micro International Corporation GRP321015-PASC2 Datasheet HTML 7Page - CT Micro International Corporation GRP321015-PASC2 Datasheet HTML 8Page - CT Micro International Corporation GRP321015-PASC2 Datasheet HTML 9Page - CT Micro International Corporation GRP321015-PASC2 Datasheet HTML 10Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 8
Jan, 2021
GRP321015-PASC2
Dual Wavelength SMD Type Emitter
Label Form Specification
CPN : Customer Part Number
Part no: CTM Production Number
Serial no: Production Number
Lot no: Lot number
Q’ty: Packing Quantity
Date Code: Manufacture Date
IV : Bin Code of Luminous Intensity
WD : Bin Code of Dominant Wavelength
VF : Bin Code of Forward Voltage
MADE IN CHINA: Production Place
Storage Condition
1. Do not open moisture proof bag before the products are ready to use.
2. The moisture barrier bag should be stored at 30°C and 90%R.H. max. before opening.
Shelf life of non-opened bag is 12 months after the bag sealing date.
3. After opening the moisture barrier bag floor life is 1 year at 30°C/60%RH. max. Unused LEDs
should be resealed into moisture barrier bag. (Refer to J-STD-020 Standard)
4. If the moisture absorbent material has faded away or the LEDs have exceeded the storage time,
baking treatment should be performed using the J-STD-033 Standard conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com