Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESP32-C3-DEVKITM-1 Datasheet(PDF) 42 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-C3-DEVKITM-1
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-C3-DEVKITM-1 Datasheet(HTML) 42 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-C3-DEVKITM-1 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3-DEVKITM-1 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3-DEVKITM-1 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3-DEVKITM-1 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3-DEVKITM-1 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3-DEVKITM-1 Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3-DEVKITM-1 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3-DEVKITM-1 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3-DEVKITM-1 Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Revision History
Revision History
Date
Version
Release Notes
2021-10-26
v1.1
• Updated Figure Block Diagram of ESP32-C3 to show power modes;
• Added CoreMark score in Features;
• Updated Table Pin Description to show default pin functions;
• Updated Figure ESP32-C3 Power Scheme and related descriptions;
• Added Table Mapping of SPI Signals and Chip Pads;
• Added note 3 to Table Recommended Operating Conditions;
• Other updates to wording.
2021-05-28
v1.0
• Updated power modes;
• Updated Section 2.4 Strapping Pins;
• Updated some clock names and their frequencies in Section 3.2 System
Clocks;
• Added clarification about ADC1 and ADC2 in Section 3.3.1 Analog-to-
Digital Converter (ADC);
• Updated the default configuration of U0RXD andU0TXD after reset in
Table IO MUX Pin Functions;
• Updated sampling rate in Table ADC Characteristics;
• Updated Table Reliability Qualifications;
• Added the link to recommended PCB land pattern in Chapter 5 Package
Information.
2021-04-23
v0.8
Updated Wi-Fi Radio and Bluetooth LE Radio data.
2021-04-07
v0.7
• Updated information about USB Serial/JTAG Controller;
• Added GPIO2 to Section 2.4 Strapping Pins;
• Updated Figure Address Mapping Structure;
• Added Table IO MUX Pin Functions and Table Power-Up Glitches on Pins
in Section 3.4.1 General Purpose Input / Output Interface (GPIO);
• Updated information about SPI2 in Section 3.4.2 Serial Peripheral Inter-
face (SPI);
• Updated fixed-priority channel scheme in Section 3.4.8 General DMA
Controller;
• Updated Table Reliability Qualifications.
2021-01-18
v0.6
• Clarified that of the 400 KB SRAM, 16 KB is configured as cache;
• Updated maximum value to standard limit value in Table TX EVM Test in
Section 4.8.1 Wi-Fi RF Transmitter (TX) Specifications.
Espressif Systems
42
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com