Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND01GR3B2C Datasheet(PDF) 32 Page - Numonyx B.V

Part # NAND01GR3B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01GR3B2C Datasheet(HTML) 32 Page - Numonyx B.V

Back Button NAND01GR3B2C Datasheet HTML 28Page - Numonyx B.V NAND01GR3B2C Datasheet HTML 29Page - Numonyx B.V NAND01GR3B2C Datasheet HTML 30Page - Numonyx B.V NAND01GR3B2C Datasheet HTML 31Page - Numonyx B.V NAND01GR3B2C Datasheet HTML 32Page - Numonyx B.V NAND01GR3B2C Datasheet HTML 33Page - Numonyx B.V NAND01GR3B2C Datasheet HTML 34Page - Numonyx B.V NAND01GR3B2C Datasheet HTML 35Page - Numonyx B.V NAND01GR3B2C Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
Device operations
NAND01G-B2C
32/67
6.7.3
P/E/R controller bit (SR5)
The program/erase/read controller bit indicates whether the P/E/R controller is active or
inactive. When the P/E/R controller bit is set to ‘0’, the P/E/R controller is active (device is
busy); when the bit is set to ‘1’, the P/E/R controller is inactive (device is ready).
6.7.4
Error bit (SR0)
The error bit is used to identify if any errors have been detected by the P/E/R controller. The
error bit is set to ’1’ when a program or erase operation has failed to write the correct data to
the memory. If the error bit is set to ‘0’ the operation has completed successfully.
6.7.5
SR4, SR3, SR2, and SR1 are reserved
Table 11.
Status register bits
Bit
Name
Logic level
Definition
SR7
Write protection
'1'
Not protected
'0'
Protected
SR6
Program/ erase/ read
controller
'1'
P/E/R C inactive, device ready
'0'
P/E/R C active, device busy
Cache ready/busy
'1'
Cache register ready (cache operation only)
'0'
Cache register busy (cache operation only)
SR5
Program/ erase/ read
controller
'1'
P/E/R C inactive, device ready
'0'
P/E/R C active, device busy
SR4, SR3,
SR2, SR1
Reserved
Don’t care
SR0
Generic error
‘1’
Error – operation failed
‘0’
No error – operation successful



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com