Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H5AN8G8NAFR-RDC Datasheet(PDF) 26 Page - Hynix Semiconductor

Part # H5AN8G8NAFR-RDC
Description  8Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN8G8NAFR-RDC Datasheet(HTML) 26 Page - Hynix Semiconductor

Back Button H5AN8G8NAFR-RDC Datasheet HTML 22Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 23Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 24Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 25Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 26Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 27Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 28Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 29Page - Hynix Semiconductor H5AN8G8NAFR-RDC Datasheet HTML 30Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
Rev. 1.2 / Jul.2017
26
Table 7 - IDD4R, IDDR4RA, IDD4RB and IDDQ4R Measurement-Loop Pattern1
NOTE :
1. DQS_t, DQS_c are used according to RD Commands, otherwise VDDQ.
2. BG1 is don’t care for x16 device
3. C[2:0] are used only for 3DS device
4. Burst Sequence driven on each DQ signal by Read Command.
Data4
00
RD
011
0
1
00
00
000
00
0
D0=00, D1=FF
D2=FF, D3=00
D4=FF, D5=00
D6=00, D7=FF
1
D
100
0
0
00
00
000
00
0-
2,3
D#, D#
111
1
1
00 32 3 000 7F 0-
14
RD
011
0
1
00
11
000
7F
0
D0=FF, D1=00
D2=00, D3=FF
D4=00, D5=FF
D6=FF, D7=00
5
D
100
0
0
00
00
000
00
0-
6,7
D#, D#
111
1
1
00 32 3 000 7F 0-
28-11
repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 2 instead
312-15 repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 3 instead
416-19 repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 1 instead
520-23 repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 2 instead
624-27 repeat Sub-Loop 0, use BG[1:0]2 = 0, BA[1:0] = 3 instead
728-31 repeat Sub-Loop 1, use BG[1:0]2 = 1, BA[1:0] = 0 instead
832-35 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 0 instead
For x4 and x8 only
936-39 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 1 instead
10 40-43 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 2 instead
11 44-47 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 3 instead
12 48-51 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 1 instead
13 52-55 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 2 instead
14 56-59 repeat Sub-Loop 0, use BG[1:0]2 = 2, BA[1:0] = 3 instead
15 60-63 repeat Sub-Loop 1, use BG[1:0]2 = 3, BA[1:0] = 0 instead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45