| Electronic Components Datasheet Search |
|
DC47C Datasheet(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC47C Datasheet(HTML) 56 Page - Microchip Technology |
|
56 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 56 2016-2018 Microchip Technology Inc. 4.2.5.2 Data Write into EDS In order to write data to EDS, such as in EDS reads, an Address Pointer is set up by loading the required EDS page number into the DSWPAG register, and assigning the offset address to one of the W registers. Once the above assignment is done, then the EDS window is enabled by setting bit 15 of the Working register, assigned with the offset address, and the accessed location can be written. Figure 4-5 illustrates how the EDS address is generated for write operations. When the MSbs of EA are ‘1’, the lower nine bits of DSWPAG are concatenated to the lower 15 bits of EA to form a 24-bit EDS address for write operations. Example 4-2 shows how to write a byte, word and double word to EDS. The Data Space Page registers (DSRPAG/DSWPAG) do not update automatically while crossing a page boundary when the rollover happens from 0xFFFF to 0x8000. While developing code in assembly, care must be taken to update the Data Space Page registers when an Address Pointer crosses the page boundary. The ‘C’ compiler keeps track of the addressing, and increments or decrements the Page registers accordingly, while accessing contiguous data memory locations. FIGURE 4-5: EDS ADDRESS GENERATION FOR WRITE OPERATIONS EXAMPLE 4-2: EDS WRITE CODE IN ASSEMBLY Note 1: All write operations to EDS are executed in a single cycle. 2: Use of Read/Modify/Write operation on any EDS location under a REPEAT instruction is not supported. For example: BCLR, BSW, BTG, RLC f, RLNC f, RRC f, RRNC f, ADD f, SUB f, SUBR f, AND f, IOR f, XOR f, ASR f, ASL f. 3: Use the DSRPAG register while performing Read/Modify/Write operations. DSWPAG Reg Select Wn 8 15 Bits 9 Bits 24-Bit EA Wn<0> is Byte Select 1 0 ; Set the EDS page where the data to be written mov #0x0002, w0 mov w0, DSWPAG ;page 2 is selected for write mov #0x0800, w1 ;select the location (0x800) to be written bset w1, #15 ;set the MSB of the base address, enable EDS mode ;Write a byte to the selected location mov #0x00A5, w2 mov #0x003C, w3 mov.b w2, [w1++] ;write Low byte mov.b w3, [w1++] ;write High byte ;Write a word to the selected location mov #0x1234, w2 ; mov w2, [w1] ; ;Write a Double - word to the selected location mov #0x1122, w2 mov #0x4455, w3 mov.d w2, [w1] ;2 EDS writes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |