| Electronic Components Datasheet Search |
|
D135 Datasheet(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
D135 Datasheet(HTML) 63 Page - Microchip Technology |
|
63 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 63 PIC24FJ256GA705 FAMILY 5.0 DIRECT MEMORY ACCESS CONTROLLER (DMA) The Direct Memory Access (DMA) Controller is designed to service high throughput data peripherals operating on the SFR bus, allowing them to access data memory directly and alleviating the need for CPU intensive man- agement. By allowing these data intensive peripherals to share their own data path, the main data bus is also deloaded, resulting in additional power savings. The DMA Controller functions both as a peripheral and a direct extension of the CPU. It is located on the microcon- troller data bus between the CPU and DMA-enabled peripherals, with direct access to SRAM. This partitions the SFR bus into two buses, allowing the DMA Controller access to the DMA capable peripherals located on the new DMA SFR bus. The controller serves as a master device on the DMA SFR bus, controlling data flow from DMA capable peripherals. The controller also monitors CPU instruction process- ing directly, allowing it to be aware of when the CPU requires access to peripherals on the DMA bus and automatically relinquishing control to the CPU as needed. This increases the effective bandwidth for handling data without DMA operations causing a processor stall. This makes the controller essentially transparent to the user. The DMA Controller has these features: • Six Independent and Independently Programmable Channels • Concurrent Operation with the CPU (no DMA caused Wait states) • DMA Bus Arbitration • Five Programmable Address modes • Four Programmable Transfer modes • Four Flexible Internal Data Transfer modes • Byte or Word Support for Data Transfer • 16-Bit Source and Destination Address Register for Each Channel, Dynamically Updated and Reloadable • 16-Bit Transaction Count Register, Dynamically Updated and Reloadable • Upper and Lower Address Limit Registers • Counter Half-Full Level Interrupt • Software Triggered Transfer • Null Write mode for Symmetric Buffer Operations A simplified block diagram of the DMA Controller is shown in Figure 5-1. FIGURE 5-1: DMA FUNCTIONAL BLOCK DIAGRAM Note: This data sheet summarizes the features of the PIC24FJ256GA705 family of devices. It is not intended to be a compre- hensive reference source. To complement the information in this data sheet, refer to the “dsPIC33/PIC24 Family Reference Manual”, “Direct Memory Access Controller (DMA)” (DS39742), which is available from the Microchip website (www.microchip.com). The information in this data sheet supersedes the information in the FRM. To I/O Ports To DMA-Enabled Peripherals and Peripherals DMACH0 DMAINT0 DMASRC0 DMADST0 DMACNT0 DMACH1 DMAINT1 DMASRC1 DMADST1 DMACNT1 DMACH4 DMAINT4 DMASRC4 DMADST4 DMACNT4 DMACH5 DMAINT5 DMASRC5 DMADST5 DMACNT5 DMACON DMAH DMAL DMABUF Channel 0 Channel 1 Channel 4 Channel 5 Data RAM Address Generation Data RAM Control Logic Data Bus CPU Execution Monitoring |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |